Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29TS-806121A Datasheet(PDF) 2 Page - Superworld Electronics

Part # M29TS-806121A
Description  INTEGRATED MODULAR JACK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

M29TS-806121A Datasheet(HTML) 2 Page - Superworld Electronics

  M29TS-806121A Datasheet HTML 1Page - Superworld Electronics M29TS-806121A Datasheet HTML 2Page - Superworld Electronics M29TS-806121A Datasheet HTML 3Page - Superworld Electronics M29TS-806121A Datasheet HTML 4Page - Superworld Electronics M29TS-806121A Datasheet HTML 5Page - Superworld Electronics M29TS-806121A Datasheet HTML 6Page - Superworld Electronics M29TS-806121A Datasheet HTML 7Page - Superworld Electronics M29TS-806121A Datasheet HTML 8Page - Superworld Electronics M29TS-806121A Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P1
P2
P5
P3
P6
P4
Receive
75
1000pF/2KV
Shield
75
J6
75
75
J8
J7
J5
J4
J3
J2
J1
Shield
1000pF/2KV
Receive
75
J1
J2
J3
J4
J5
J7
J8
J6
75
75
75
SCHEMATIC
LED CONFIGURATION
9
10
11
12
Right LED
x0612
x0626
Transmitter
Transmitter
Left LED
Yellow
Green
585nm
570nm
2.1 V
2.1 V
2.1 V
605nm
Orange
Standard LED
Wavelength( )
V / IF=20mA
max.
2.5 V
2.5 V
2.5 V
typ.
P1
P2
P5
P3
P6
P4
14
16
Right LED
Left LED
Top LEDs
Bottom LEDs
15
13
INTEGRATED MODULAR JACK
10/100 Base TX RJ45 2xN Port
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
12.05.2008


Similar Part No. - M29TS-806121A

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
M2901CEM TERIDIAN-M2901CEM Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Unisonic Technologies
M2904 UTC-M2904 Datasheet
129Kb / 6P
   LINEAR INTEGRATED CIRCUIT
M2904 UTC-M2904 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904-D08-T UTC-M2904-D08-T Datasheet
129Kb / 6P
   LINEAR INTEGRATED CIRCUIT
M2904-P08-R UTC-M2904-P08-R Datasheet
129Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - M29TS-806121A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
G29TS-610130A SUPERWORLD-G29TS-610130A Datasheet
776Kb / 10P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com