Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIB1003M5R6MN Datasheet(PDF) 6 Page - Superworld Electronics

Part # PIB1003M5R6MN
Description  MOLDED POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIB1003M5R6MN Datasheet(HTML) 6 Page - Superworld Electronics

  PIB1003M5R6MN Datasheet HTML 1Page - Superworld Electronics PIB1003M5R6MN Datasheet HTML 2Page - Superworld Electronics PIB1003M5R6MN Datasheet HTML 3Page - Superworld Electronics PIB1003M5R6MN Datasheet HTML 4Page - Superworld Electronics PIB1003M5R6MN Datasheet HTML 5Page - Superworld Electronics PIB1003M5R6MN Datasheet HTML 6Page - Superworld Electronics PIB1003M5R6MN Datasheet HTML 7Page - Superworld Electronics PIB1003M5R6MN Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
9. SOLDERING AND MOUNTING :
c) Never contact the ceramic with the iron tip
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
d) 1.0mm tip diameter (max)
f) Limit soldering time to 4-5 secs.
9-2.2 Soldering Iron (Figure 2) :
In the event that a soldering iron must be employed the following precautions are recommended.
Products attachment with soldering iron is discouraged due to the inherent process control limitations.
Recommended temperature profiles for re-flow soldering in Figure 1.
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
a) Preheat circuit and products to 150° C.
air soldering tools.
9-2.1 Solder Re-flow :
Note :
b) 355° C tip temperature (max)
13.6
9-2. Soldering
5.4
9-1. Recommended PC Board Pattern
25.02.2011
Over 1min.
Figure 2. Iron Soldering
Gradual
Cooling
Within 4-5s
350
150
Preheating
Soldering
cooling
Natural
Figure 1. Re-flow Soldering
Time(sec.)
60~150s
20~40s
Soldering
480s max.
60~180s
150
25
TP(260° C/40s max.)
217
200
Preheating
cooling
Natural
MOLDED POWER CHOKE COIL
PIB1003M SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
HF
Halogen
Free


Similar Part No. - PIB1003M5R6MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB1004M SUPERWORLD-PIB1004M Datasheet
332Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1004M100MN SUPERWORLD-PIB1004M100MN Datasheet
332Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1004M1R0MN SUPERWORLD-PIB1004M1R0MN Datasheet
332Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1004M1R5MN SUPERWORLD-PIB1004M1R5MN Datasheet
332Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1004M220MN SUPERWORLD-PIB1004M220MN Datasheet
332Kb / 8P
   MOLDED POWER CHOKE COIL
More results

Similar Description - PIB1003M5R6MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0624M SUPERWORLD-PIB0624M Datasheet
330Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com