Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11FC0CPU5 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC68HC11FC0CPU5
Description  Technical Summary 8-Bit Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11FC0CPU5 Datasheet(HTML) 1 Page - Motorola, Inc

  MC68HC11FC0CPU5 Datasheet HTML 1Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 2Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 3Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 4Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 5Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 6Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 7Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 8Page - Motorola, Inc MC68HC11FC0CPU5 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Order this document
by MC68HC11FTS/D
© MOTOROLA INC., 1997
This document contains information on a new product. Specifications and information herein are subject to change without notice.
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
M
MC68HC11F1
MC68HC11FC0
Technical Summary
8-Bit Microcontroller
1 Introduction
The MC68HC11F1 is a high-performance member of the M68HC11 family of microcontroller units
(MCUs). High-speed expanded systems required the development of this chip with its extra input/output
(I/O) ports, an increase in static RAM (one Kbyte), internal chip-select functions, and a non-multiplexed
bus which reduces the need for external interface logic. The timer, serial I/O, and analog-to-digital (A/
D) converter enable functions similar to those found in the MC68HC11E9.
The MC68HC11FC0 is a low cost, high-speed derivative of the MC68HC11F1. It does not have
EEPROM or an analog-to-digital converter. The MC68HC11FC0 can operate at bus speeds as high as
six MHz.
This document provides a brief overview of the structure, features, control registers, packaging infor-
mation and availability of the MC68HC11F1 and MC68HC11FC0. For detailed information on
M68HC11 subsystems, programming and the instruction set, refer to the
M68HC11 Reference Manual
(M68HC11RM/AD).
1.1 Features
• MC68HC11 CPU
• 512 Bytes of On-Chip Electrically Erasable Programmable ROM (EEPROM) with Block Protect
(MC68HC11F1 only)
• 1024 Bytes of On-Chip RAM (All Saved During Standby)
• Enhanced 16-Bit Timer System
— 3 Input Capture (IC) Functions
— 4 Output Compare (OC) Functions
— 4th IC or 5th OC (Software Selectable)
• On-Board Chip-Selects with Clock Stretching
• Real-Time Interrupt Circuit
• 8-Bit Pulse Accumulator
• Synchronous Serial Peripheral Interface (SPI)
• Asynchronous Nonreturn to Zero (NRZ) Serial Communication Interface (SCI)
• Power saving STOP and WAIT Modes
• Eight-Channel 8-Bit A/D Converter (MC68HC11F1 only)
• Computer Operating Properly (COP) Watchdog System and Clock Monitor
• Bus Speeds of up to 6 MHz for the MC68HC11FC0 and up to 5 MHz for the MC68HC11F1
• 68-Pin PLCC (MC68HC11F1 only), 64-Pin QFP (MC68HC11FC0 only), and 80-pin TQFP pack-
age options


Similar Part No. - MC68HC11FC0CPU5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11FC0CPU5 FREESCALE-MC68HC11FC0CPU5 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
More results

Similar Description - MC68HC11FC0CPU5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
MC68332ACEH25 FREESCALE-MC68332ACEH25 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Freescale Semiconductor...
MC68HC705L5FUE FREESCALE-MC68HC705L5FUE Datasheet
2Mb / 55P
   Techinical Summary 8-Bit Microcontroller Unit
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
   Technical Summary
logo
NXP Semiconductors
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
   MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com