Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC0412HP2R2MN Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIC0412HP2R2MN
Description  MOLDED POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC0412HP2R2MN Datasheet(HTML) 2 Page - Superworld Electronics

  PIC0412HP2R2MN Datasheet HTML 1Page - Superworld Electronics PIC0412HP2R2MN Datasheet HTML 2Page - Superworld Electronics PIC0412HP2R2MN Datasheet HTML 3Page - Superworld Electronics PIC0412HP2R2MN Datasheet HTML 4Page - Superworld Electronics PIC0412HP2R2MN Datasheet HTML 5Page - Superworld Electronics PIC0412HP2R2MN Datasheet HTML 6Page - Superworld Electronics PIC0412HP2R2MN Datasheet HTML 7Page - Superworld Electronics PIC0412HP2R2MN Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
PIC0412HPR10YN
0
0.10 ± 30%
( µH )
@ 0 A
4.3
DCR
Typ. @ 25° C
( m )
Irms
( A )
11.5
25
( A )
Isat
Typ.
Typ.
DCR
( m )
Max. @ 25° C
5.5
MOLDED POWER CHOKE COIL
PIC0412HP SERIES
25.02.2011
PIC0412HPR22MN
0.22 ± 20%
6.6
8.5
20
8.0
PIC0412HPR47MN
0.47 ± 20%
18
6.0
6.5
20
1.50 ± 20%
55
3.0
4.0
63.3
2.20 ± 20%
69.2
2.8
3.5
80
3.30 ± 20%
84
2.3
3.0
97
4.70 ± 20%
128
2.0
2.5
145
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5.60 ± 20%
180
1.7
2.3
208
6.80 ± 20%
300
1.5
1.7
360
8.20 ± 20%
313
1.4
1.6
376
10.0 ± 20%
410
1.3
1.4
463
PIC0412HP1R0MN
1.00 ± 20%
41
4.0
6.0
47
PIC0412HP1R5MN
PIC0412HP2R2MN
PIC0412HP3R3MN
PIC0412HP4R7MN
PIC0412HP5R6MN
PIC0412HP6R8MN
PIC0412HP8R2MN
PIC0412HP100MN
HF
Halogen
Free


Similar Part No. - PIC0412HP2R2MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0412HP2R2MF SUPERWORLD-PIC0412HP2R2MF Datasheet
527Kb / 8P
   SMD Power Choke Coil
More results

Similar Description - PIC0412HP2R2MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0624M SUPERWORLD-PIB0624M Datasheet
330Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1003M SUPERWORLD-PIB1003M Datasheet
328Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com