Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-60T12L Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # 0RCY-60T12L
Description  ISOLATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60T12L Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button 0RCY-60T12L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 9Page - Bel Fuse Inc. 0RCY-60T12L Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.2 Vdc - 3.3 Vdc/15 A, 5 Vdc/12 A, 12 Vdc/5 A Output, 1/8 Brick
Nov. 22, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Remote On/Off
Parameter
Min
Typ
Max
Unit
Notes
Signal Low (Unit On)
-0.3
-
0.8
V
Signal High (Unit Off)
Active Low
2.4
-
18
V
0RCY-60TxxL. The remote on/off pin
open, Unit off
Signal Low (Unit Off)
-0.3
-
0.8
V
Signal High (Unit On)
Active High
2.4
-
18
V
0RCY-60Txx0. The remote on/off pin
open, Unit on
Current Sink
0
-
0.75
mA
Output Trim Equations
Equations for calculating the trim resistor
(in kΩ) are shown below. The Trim Down resistor should be connected
between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim pin and the
Vout. Only one of the resistors should be used for any given application.
1.Vo =12 V-1.5 V
2. Vo =1.2 V
Notes:
Vo_req=Desired (trimmed) output voltage [V]
22
.
10
511 
delta
Rtrimdown
 
%
100
_
Vo
Vo
req
Vo
delta
Module
Vout
Trim
GND
Rtrimdown
22
.
10
225
.
1
626
11
.
5
)
100
(
delta
Vo
delta
Rtrimup
22
.
10
225
.
1
626
11
.
5
)
100
(
delta
Vo
delta
Rtrimup
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - 0RCY-60T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T12L BEL-0RCY-60T12L Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RCY-60T12L BEL-0RCY-60T12L Datasheet
440Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-60T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com