Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0REB-80T12 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 0REB-80T12
Description  ISOLATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0REB-80T12 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 0REB-80T12 Datasheet HTML 6Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 7Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 8Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 9Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 10Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 11Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 12Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 13Page - Bel Fuse Inc. 0REB-80T12 Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
10
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input, 12 Vdc/6.5 A Output
Nov. 15, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Ripple and Noise Waveform
48Vdc input, 12Vdc/6.5A output
Note: Ripple and noise at full load, with a 1uF ceramic cap and a 10 uF Tantalum cap and a 220uF electrolytic
cap at output, Ta=25 deg C.
Transient Response Waveforms
Vout= 12V 50%-75% Load Transients
Vout= 12V 75%-50% Load Transients
Note: Transient Response at Vin=48V, di/dt=0.1A/uS, with a 1uF ceramic cap and a 10uF aluminum cap and a
220uF electrolytic cap at the output.


Similar Part No. - 0REB-80T12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0REB-80T120 BEL-0REB-80T120 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
0REB-80T12L BEL-0REB-80T12L Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0REB-80T12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com