Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RHB-C5T050 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # 0RHB-C5T050
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-C5T050 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  0RHB-C5T050 Datasheet HTML 1Page - Bel Fuse Inc. 0RHB-C5T050 Datasheet HTML 2Page - Bel Fuse Inc. 0RHB-C5T050 Datasheet HTML 3Page - Bel Fuse Inc. 0RHB-C5T050 Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-C5T050 Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-C5T050 Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-C5T050 Datasheet HTML 7Page - Bel Fuse Inc. 0RHB-C5T050 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
6
ISOLATED DC/DC CONVERTERS
48 Vdc Input
3.3 Vdc/50 A, 5.0 Vdc/30 A Output
Apr. 13, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Transient Response Waveforms
Vout=3.3 V, 50% to 75% Load Transients
Vout=3.3 V, 75% to 50% Load Transients
Vout=5.0 V, 50% to 75% Load Transients
Vout=5.0 V, 75% to 50% Load Transients
Note: Transient Response is tested at di/dt=0.1 A/us (Vo=3.3 V), di/dt=0.5 A/us (Vo=5.0 V), Vin=48 V, Ta=25°C,
with a 1 µF ceramic capacitor and a 10 µF tantalum capacitor at the output.


Similar Part No. - 0RHB-C5T050

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-C5T05L BEL-0RHB-C5T05L Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
More results

Similar Description - 0RHB-C5T050

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com