Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RLC-25T05L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RLC-25T05L
Description  ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RLC-25T05L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RLC-25T05L Datasheet HTML 1Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 2Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 3Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 4Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 5Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 6Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 7Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 8Page - Bel Fuse Inc. 0RLC-25T05L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
48 Vdc Input
3.3 Vdc - 24 Vdc/7 A - 1.25 A Output
Nov. 29, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Regulation Over Temperature
(-40
C to +85 C)
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
-
-
-
-
-
30
40
100
120
150
50
70
170
200
240
mV
mV
mV
mV
mV
Total Regulation
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
-
-
-
-
-
33
46
114
140
150
58
83
198
250
330
mV
mV
mV
mV
mV
Ripple and Noise (pk-pk)
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
-
-
-
-
-
40
40
40
80
85
75
75
75
120
150
mV
mV
mV
mV
mV
Ripple and Noise (rms)
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
-
-
-
-
-
10
10
10
15
20
20
20
20
30
40
mV
mV
mV
mV
mV
Test condition of the output
ripple and noise: 0-20 MHz BW,
with a 1 µF ceramic capacitor
and a 10 uF/35 V electrolytic
capacitor at the output.
Output Current Range
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
0
0
0
0
0
-
-
-
-
-
7.0
5.0
2.5
2.0
1.25
A
A
A
A
A
Output DC Current Limit
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
7.7
5.5
3.0
2.2
1.5
-
-
-
-
-
12.0
8.0
4.2
3.4
2.2
A
A
A
A
A
Short Circuit Surge Transient
-
0.5
1
A
2s
Turn on Time
-
10
25
mS
Overshoot at Turn on
-
0
5
%
Output Capacitance
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
0
0
0
0
0
-
-
-
-
-
3300
2200
330
330
330
uF


Similar Part No. - 0RLC-25T05L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RLC-25T05L BEL-0RLC-25T05L Datasheet
298Kb / 10P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RLC-25T05L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com