Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-C0U Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 0RQB-C0U
Description  ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-C0U Datasheet(HTML) 5 Page - Bel Fuse Inc.

  0RQB-C0U_07 Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-C0U_07 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input, 12 Vdc/8.35 A, 5 Vdc/20 A, 3.3 Vdc/25 A, 1.2-2.5 Vdc/30 A Outputs
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
2.4 V
-
18 V
0RQB-C0UxxL. The remote
on/off pin open, Unit off.
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
2.4 V
-
18 V
0RQB-C0Uxx0. The remote
on/off pin open, Unit on.
Current Sink
0 mA
-
0.75 mA
Output Trim Equations
Equations for calculating the trim resistor are shown below (Unit: kΩ). The Trim Down resistor should be
connected between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim
pin and the Vout. Only one of the resistors should be used for any given application.
1) For Vo=1.5 V - 12 V:
2) For Vo=1.2 V:
Notes:
Vo_req=Desired (trimmed) output voltage [V]; Vo=output voltage
22
.
10
225
.
1
626
11
.
5
)
100
(
+
=
delta
Vo
delta
Rtrimup
22
.
10
511 −
=
delta
Rtrimdown
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup
22
.
10
6125
.
0
313
11
.
5
)
100
(
+
=
delta
Vo
delta
Rtrimup
22
.
10
511 −
=
delta
Rtrimdown
()
[]
%
100
_
×
=
Vo
Vo
req
Vo
delta


Similar Part No. - 0RQB-C0U_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C0U025 BEL-0RQB-C0U025 Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RQB-C0U02L BEL-0RQB-C0U02L Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RQB-C0U033 BEL-0RQB-C0U033 Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RQB-C0U03L BEL-0RQB-C0U03L Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RQB-C0U050 BEL-0RQB-C0U050 Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
More results

Similar Description - 0RQB-C0U_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com