Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RLC-25T24L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RLC-25T24L
Description  ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RLC-25T24L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RLC-25T24L Datasheet HTML 1Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 2Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 3Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 4Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 5Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 6Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 7Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 8Page - Bel Fuse Inc. 0RLC-25T24L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
2
ISOLATED DC/DC CONVERTERS
48 Vdc Input
3.3 Vdc - 24 Vdc/7 A - 1.25 A Output
Nov. 29, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Input Voltage (continuous)
-0.3
-
80
V
Remote On/Off
-0.3
-
12
V
Ambient Temperature
-40
-
85
C
Storage Temperature
-55
-
125
C
Note: Ratings used beyond the maximum ratings may cause a reliability degradation of the converter or may
permanently damage the device.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Input Voltage
36
-
75
V
Input Current (full load)
-
-
1.1
A
Input Current (no load)
-
25
40
mA
Remote Off Input Current
-
3
10
mA
Input Reflected Ripple Current
(rms)
-
10
20
mA
Input Reflected Ripple Current
(pk-pk)
-
40
60
mA
With simulated source impedance of
10 uH, 5 Hz to 20 MHz. And use a 100
uF/ 100 V electrolytic capacitor with
ESR=1 ohm max, at 200 kHz.
I
2t Inrush Current Transient
-
0.1
0.5
A
2s
Turn-on Voltage Threshold
31
34
36
V
Turn-off Voltage Threshold
30
33
35
V
Note: All specifications are typical at 25
C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
3.234
4.900
11.76
14.70
23.52
3.3
5.0
12.0
15.0
24.0
3.366
5.100
12.240
15.300
24.480
V
V
V
V
V
Test condition: Vin=48 V,
IO=50% load at the output.
Line Regulation
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
-
-
-
-
-
±1
±2
±5
±8
±10
±3
±5
±10
±15
±20
mV
mV
mV
mV
mV
Load Regulation
VO=3.3 V
VO=5.0 V
VO=12.0 V
VO=15.0 V
VO=24.0 V
-
-
-
-
-
±2
±4
±9
±10
±15
±5
±8
±18
±20
±30
mV
mV
mV
mV
mV


Similar Part No. - 0RLC-25T24L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RLC-25T24L BEL-0RLC-25T24L Datasheet
298Kb / 10P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RLC-25T24L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com