Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-C0U03L Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 0RQB-C0U03L
Description  ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-C0U03L Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 0RQB-C0U03L Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 9Page - Bel Fuse Inc. 0RQB-C0U03L Datasheet HTML 10Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
©2007 Bel Fuse Inc. Specifications subject to change without notice. 030307
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input, 12 Vdc/8.35 A, 5 Vdc/20 A, 3.3 Vdc/25 A, 1.2-2.5 Vdc/30 A Outputs
Mechanical Outline
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and
other hazardous substances from electronic products.
Pin Connections
Pin
Function
Pin Size
1
Vin (+)
0.04"
2
Remote On/Off
0.04"
3
Vin (-)
0.04"
4
Vout (-)
0.062"
5
Remote Sense (-)
0.04"
6
Trim
0.04"
7
Remote Sense (+)
0.04"
8
Vout (+)
0.062"


Similar Part No. - 0RQB-C0U03L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C0U03L BEL-0RQB-C0U03L Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
More results

Similar Description - 0RQB-C0U03L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com