Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-T0R12 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RQB-T0R12
Description  ISOLATED DC/DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-T0R12 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RQB-T0R12 Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-T0R12 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
24 Vdc Input
12 Vdc /20 A Output
Sep. 11, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Output Current Range
0
-
20
A
Output DC Current Limit
22
26
30
A
Short Circuit Surge Transient
-
-
5
A
2s
Rise time
8
-
12
ms
25
35
mS
Enable form Vin
Turn on Time
-
25
35
mS
Enable form ON/OFF
Overshoot at Turn on
-
0
3
%
Output Capacitance
0
-
5000
uF
Transient Response
Overshoot
-
300
400
mV
V50%~75% of
Max Load
Settling Time
-
120
200
uS
Overshoot
-
300
400
mV
V75%~50% of
Max Load
Settling Time
-
120
200
uS
di/dt=0.1A/us, Vin=24Vdc, Ta=25°C,
with a 1µF ceramic capacitor and a
10uF Tantalum cap at the output.
Note:
All specifications are typical at nominal input, full load at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
94
94.5
-
%
Vin=24V, full load
Switching Frequency
-
307
-
kHz
Over Temperature Protection
-
125
130
°C
Over Voltage Protection(Static)
-
14.15
14.5
V
This voltage is achieved by trimming
up output slowly
Weight
-
75
-
g
FIT
362.8
-
Calculated Per Bell Core SR-332
(Vin=24 V, Vo=12 V, Io=7 A,
Ta = 25°C, FIT=109/MTBF)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 1.45 x 0.50
58.42 x 36.83 x 12.70
-
Isolation characteristics
Input to Output
-
-
1500
V
Input to Case
-
-
1500
V
Output to Case
-
-
500
V
Isolation Resistance
10M
-
ohm
Isolation Capacitance
-
3900
-
pF
Note
: All specifications are typical at 25 °C unless otherwise stated.


Similar Part No. - 0RQB-T0R12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-T0T120 BEL-0RQB-T0T120 Datasheet
500Kb / 18P
   ISOLATED DC/DC CONVERTERS
0RQB-T0T12L BEL-0RQB-T0T12L Datasheet
500Kb / 18P
   ISOLATED DC/DC CONVERTERS
0RQB-T0T12X BEL-0RQB-T0T12X Datasheet
500Kb / 18P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-T0R12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com