Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-T0R120 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # 0RQB-T0R120
Description  ISOLATED DC/DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-T0R120 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button 0RQB-T0R120 Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 9Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 10Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 11Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 12Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 13Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 14Page - Bel Fuse Inc. 0RQB-T0R120 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
11
ISOLATED DC/DC CONVERTERS
24 Vdc Input
12 Vdc /20 A Output
Sep. 11, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Over Current Protection
To provide protection in a fault output overload condition, the module is equipped with internal current-limiting
circuitry and can endure current limiting for a few mili-seconds. If the over current condition persists beyond a few
milliseconds, the module will shut down into hiccup mode and restart once every 800mS. The module operates
normally when the output current goes into specified range. The typical average output current is 0.02A during
hiccup.
Over Voltage Protection
The output overvoltage protection consists of circuitry that monitors the voltage on the output terminals. If the
voltage on the output terminals exceeds the over voltage protection threshold the module will shutdown into latch
off mode. The overvoltage latch can be reset by either cycling the input power or toggling the on/off signal for one
second at least.
Test setup:
Waveform:
R=249K
Vin = 24 V, Load in CC Mode
CH1: Output Voltage
CH3: Output Current
Expansion of on time portion
Vo+
Vo-
Trim
R
K
CH1: Output voltage waveform
CH2: Input voltage waveform
CH3: Output Current waveform


Similar Part No. - 0RQB-T0R120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-T0T120 BEL-0RQB-T0T120 Datasheet
500Kb / 18P
   ISOLATED DC/DC CONVERTERS
0RQB-T0T12L BEL-0RQB-T0T12L Datasheet
500Kb / 18P
   ISOLATED DC/DC CONVERTERS
0RQB-T0T12X BEL-0RQB-T0T12X Datasheet
500Kb / 18P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-T0R120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com