Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RSB-40U12B Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RSB-40U12B
Description  ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RSB-40U12B Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RSB-40U12B Datasheet HTML 1Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 2Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 3Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 4Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 5Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 6Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 7Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 8Page - Bel Fuse Inc. 0RSB-40U12B Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
2
ISOLATED DC/DC CONVERTERS
18 Vdc - 75 Vdc Input, 12 Vdc/3.5 A Output
Apr. 19, 2011
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Continuous Input Voltage
-0.3
-
80
V
Input Transient Voltage
-
-
100
V
100mS maximum
Remote On/Off
-0.3
-
18
V
I/O isolation voltage
-
-
1500
V
Ambient Temperature
-40
-
85
C
Storage Temperature
-55
-
125
C
Note: Ratings used beyond the maximum ratings may cause a reliability degradation of the converter or may
permanently damage the device.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Operating Input Voltage
18
48
75
V
Input Current (full load)
-
-
3.5
A
Input Current (no load)
-
60
120
mA
Remote Off Input Current
-
1
3
mA
Input Reflected Ripple Current
(rms)
-
3
7
mA
Input Reflected Ripple Current
(pk-pk)
-
20
50
mA
With simulated source impedance of
15uH, 5Hz to 20MHz. Use a
100uF/100V electrolytic capacitor with
ESR=1 ohm max, at 200KHz@25°C.
I
2t Inrush Current Transient
-
0.01
0.02
A
2s
Input Over Voltage Lockout
78
-
82
V
Turn-on Voltage Threshold
16.6
17.2
17.8
V
Turn-off Voltage Threshold
16.2
16.8
17.4
V
Note: All specifications are typical at 25
C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
11.75
12
12.25
V
Vin=48V, Io=50% load
Load Regulation
-
±9
±18
mV
Line Regulation
-
±6
±15
mV
Regulation Over Temperature
(-40deg.C-85deg.C)
-
±20
±35
mV
Output Ripple and Noise (pk-pk)
-
90
180
mV
Output Ripple and Noise (rms)
-
30
55
mV
0-20MHz BW, with a 1µF
ceramic capacitor and a 10uF
Tantalum cap at output.
Output Current Range
0
-
3.5
A
Output DC Current Limit
3.7
5
6
A
Short Circuit Surge Transien
-
0.5
1
A
2s
Hiccup mode, auto recovery
Turn on Time
-
25
50
mS


Similar Part No. - 0RSB-40U12B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RSB-40U03A BEL-0RSB-40U03A Datasheet
384Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RSB-40U03B BEL-0RSB-40U03B Datasheet
373Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RSB-40U05B BEL-0RSB-40U05B Datasheet
270Kb / 11P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RSB-40U12B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com