Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2795F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2795F
Description  Miniature Broadband Surface Mount Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2795F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2795F Datasheet HTML 1Page - Bel Fuse Inc. 2795F Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2000 Bel Fuse Inc.
Specifications subject to change without notice. 05.00
TM00150
T1-117
Miniature Broadband Surface Mount Transformers
SCHEMATICS
ELECTRICAL SPECIFICATIONS at 25° C
2795AA
2795S
2795E
2795F
2795A
Minimum interwinding breakdown voltage of 1500 Vrms
5
1
4
2
6
S
Secondary
Primary
4
23
1
65
8.3
75
Secondary
Primary
3
2
6
5
4
1
Primary
Secondary
3
5
4
2
1
6
Secondary
Primary
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
1
µµµµµ
n
i
m
H
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
p
y
t
F
p
B
d
3
g
n
i
t
a
r
e
p
O
y
c
n
e
u
q
e
r
F
m
u
r
t
c
e
p
S
p
y
t
c
e
S
:
i
r
P
i
r
P
c
e
S
A
A
5
9
7
21
:
17
22
2
.
03
.
03
.
00
.
2 2
z
H
M
0
0
1
-
z
H
M
1
.
0
E
5
9
7
21
:
T
C
17
23
1
.
04
.
02
.
09
1z
H
M
0
0
1
-
z
H
M
1
.
0
S
5
9
7
25
1
.
1
:
12
35
1
.
02
.
02
.
00
4z
H
M
0
0
1
-
z
H
M
1
.
0
F
5
9
7
25
7
.
1
:
T
C
17
3 3
0
1
.
03
.
05
2
.
03
1z
H
M
0
0
1
-
z
H
M
1
.
0
A
5
9
7
23
:
12
4 3
2
.
0 3
1
.
02
.
09
1z
H
M
0
0
1
-
z
H
M
1
.
0
c
a
V
5
.
0
,
z
H
k
0
0
5
t
a
d
e
r
u
s
a
e
M
.
1
d
e
d
n
u
o
r
g
)
d
l
e
i
h
s
(
6
l
a
n
i
m
r
e
t
h
t
i
W
.
2
e
c
n
a
t
c
u
d
n
i
y
r
a
d
n
o
c
e
S
.
3


Similar Part No. - 2795F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2795F BEL-2795F Datasheet
46Kb / 2P
   HIGH FREQUENCY MAGNETICS Miniature Broadband Surface Mount Transformers
More results

Similar Description - 2795F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2795AA BEL-2795AA Datasheet
46Kb / 2P
   HIGH FREQUENCY MAGNETICS Miniature Broadband Surface Mount Transformers
logo
XFMRS Inc.
1006 XFMRS-1006 Datasheet
188Kb / 2P
   SURFACE MOUNT TRANSFORMERS
1006 XFMRS-1006_15 Datasheet
188Kb / 2P
   SURFACE MOUNT TRANSFORMERS
X03061SM XFMRS-X03061SM Datasheet
72Kb / 1P
   Surface Mount Transformers
XF0013B45 XFMRS-XF0013B45_11 Datasheet
81Kb / 1P
   Surface Mount Transformers
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
55Kb / 4P
   Broadband surface mount mixer
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
logo
Marki Microwave
BAL-0020SLG MARKIMICROWAVE-BAL-0020SLG Datasheet
543Kb / 7P
   SURFACE-MOUNT BROADBAND BALUN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com