Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC5568_3V-F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC5568_3V-F
Description  ISDN S Interface Hybrid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC5568_3V-F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC5568_3V-F Datasheet HTML 1Page - Bel Fuse Inc. APC5568_3V-F Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 12.04.06
Page 1
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
EUROPE
Bel Stewart Connector
45/46 Riverside
Medway City Estate
Rochester, Kent ME2 4DP U.K.
Tel 44-1634-722890
Fax 44-1634-716677
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 12.04.06
Page 2
ELECTRICAL SPECIFICATIONS @ 25°C
NOTES:
ISOLATION PRI:SEC 1500VRMS
APPROVALS PENDING FOR IEC6950:A4:1996 AND EN60950:A4:1997
DESIGNED FOR USE WITH MOTOROLA MC145575 AND COLOGNE HFC-SXX
EXTERNAL RESISTORS R1 AND R1’ REQUIRED FOR AMPLITUDE OPTIMIZATION. RECOMMENDED VALUE 560 OHMS
20.00�
[0.78]�
Endelevation�
Planview(suggestedPCBholelayout)�
1�
18�
12�
13�
5.08�
[0.2]�
20.32�
[0.8]�
5.08�
[0.2]�
30.48�
[1.2]�
2.54[0.1]�T�
ypical�
38.00�
[1.49]�
Sideelevation�
0.50�
[0.02]�
0.25�
[0.01]�
0.8�
[0.03]�
MECHANICAL
NOTES:
NOT TO SCALE
TOLERANCE+/- 0.2MM
ALL DIMENSIONS IN MM [INCHES]
DOT ON TOP SURFACE INDICATES PIN 1
Turns Ratio
+/-5%
Primary
Inductance
mH min
Leakage
Inductance
uH max
Primary
DCR
OHMS
+/- 30%
Secondary
DCR
OHMS
+/- 30%
Choke
Inductance
per line
mH nom
DCR
per line
OHMS
1CT:2
22
5.0
2.2
2.8
0.04
0.5
ISDN S Interface Hybrid
APC5568-3v-F
Operating temperature range 0° to +70° C
Storage temperature range -55° to +120° C


Similar Part No. - APC5568_3V-F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC5568-3V-F BEL-APC5568-3V-F Datasheet
127Kb / 2P
   ISDN S Interface Hybrid
More results

Similar Description - APC5568_3V-F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC14131SLP BEL-APC14131SLP Datasheet
77Kb / 2P
   ISDN S Interface Hybrid
APC5568-3V-F BEL-APC5568-3V-F Datasheet
127Kb / 2P
   ISDN S Interface Hybrid
APC8866D BEL-APC8866D Datasheet
74Kb / 2P
   ISDN S Interface Hybrid
APC14131S BEL-APC14131S Datasheet
101Kb / 2P
   ISDN S Interface Hybrid
APC14112E BEL-APC14112E Datasheet
130Kb / 1P
   ISDN S Interface Hybrid
APC14131E BEL-APC14131E Datasheet
80Kb / 1P
   ISDN S Interface Hybrid
APC8966D BEL-APC8966D Datasheet
74Kb / 2P
   ISDN S Interface Hybrid
APC14117S BEL-APC14117S Datasheet
71Kb / 2P
   ISDN S Interface Hybrid
logo
List of Unclassifed Man...
APC14103E ETC1-APC14103E Datasheet
24Kb / 1P
   ISDN S Interface Hybrid
logo
Bel Fuse Inc.
APC5568-3V BEL-APC5568-3V Datasheet
113Kb / 2P
   ISDN S Interface Hybrid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com