Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI0402S-16N Datasheet(PDF) 5 Page - Superworld Electronics

Part # SCI0402S-16N
Description  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0402S-16N Datasheet(HTML) 5 Page - Superworld Electronics

  SCI0402S-16N Datasheet HTML 1Page - Superworld Electronics SCI0402S-16N Datasheet HTML 2Page - Superworld Electronics SCI0402S-16N Datasheet HTML 3Page - Superworld Electronics SCI0402S-16N Datasheet HTML 4Page - Superworld Electronics SCI0402S-16N Datasheet HTML 5Page - Superworld Electronics SCI0402S-16N Datasheet HTML 6Page - Superworld Electronics SCI0402S-16N Datasheet HTML 7Page - Superworld Electronics SCI0402S-16N Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
G±0.05
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Dimension (unit: mm)
C±0.1
B±0.1
4±0.1
Ø1.5
WIREWOUND CHIP INDUCTORS
PG. 5
22.06.2010
H±0.05
Ø1.5
J±0.05
SCI0402S SERIES
SCI0805S
SCI0805LP
Series
1.85
8
81.80
AB
2.30
4
42.30
CD
1.75
3.5
3.5
1.75
EF
1.45
2
20.90
GH
2000pcs / reel
2000pcs / reel
Qty
SCI0805HQ
8
1.85
4
2.30
3.5
1.75
2
1.45
2000pcs / reel
0.23
0.23
0.23
J
Embossed Carrier Tape :
0.23
0.23
0.23
SCI1008HQ
8
8
SCI1008S
SCI1008LP
8
3.5
3.5
3.5
2.70
4
2.80
4
2.70
2.70
4
2.80
2.80
1.75
2
2.00
2
1.75
1.75
2
2.00
1.50
2000pcs / reel
2000pcs / reel
2000pcs / reel
Leader End
Empty compartments
with cover tape (100mm min.)
Trailer (80mm min.)
Leader/Trailer Tape :
Trailer End
Cover tape only
(250mm min.)
Peel-off Force :
Base tape
Top cover tape
<10
°
Peeling Direction
Peel-off force should be in the range of 0.1N~0.7N at a peel-off speed of 300±10mm/min.


Similar Part No. - SCI0402S-16N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0402S-16NF SUPERWORLD-SCI0402S-16NF Datasheet
226Kb / 5P
   WIREWOUND CHIP INDUCTORS
SCI0402S-16NGF SUPERWORLD-SCI0402S-16NGF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S-16NJF SUPERWORLD-SCI0402S-16NJF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S-16NKF SUPERWORLD-SCI0402S-16NKF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0402S-16N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com