Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI0402S-40N Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0402S-40N
Description  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0402S-40N Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0402S-40N Datasheet HTML 1Page - Superworld Electronics SCI0402S-40N Datasheet HTML 2Page - Superworld Electronics SCI0402S-40N Datasheet HTML 3Page - Superworld Electronics SCI0402S-40N Datasheet HTML 4Page - Superworld Electronics SCI0402S-40N Datasheet HTML 5Page - Superworld Electronics SCI0402S-40N Datasheet HTML 6Page - Superworld Electronics SCI0402S-40N Datasheet HTML 7Page - Superworld Electronics SCI0402S-40N Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI0402S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
Available
Tolerance
K, J, G
SCI0402S-5N1 F
K, J, G
SCI0402S-8N2 F
SCI0402S-9N0 F
SCI0402S-10N F
SCI0402S-11N F
K, J, G
K, J, G
K, J, G
SCI0402S-5N6 F
SCI0402S-6N2 F
SCI0402S-7N5 F
K, J, G
K, J, G
K, J, G
K, J
SCI0402S-2N2 F
SCI0402S-4N7 F
SCI0402S-3N6 F
SCI0402S-3N3 F
K, J, G
K, J, G
K, J, G
SCI0402S-1N0 F
SCI0402S-2N0 F
Part No.
K, J
K
1.7GHz
1.7GHz
900MHz
900MHz
IDC
DCR
SRF
Q
Test
L
5.15
800
0.083
4800
20
250
5.1
4800
4800
3680
4000
4100
4400
22
250
8.2
250
250
250
10
11
9.0
21
22
24
250
250
250
6.2
5.6
7.5
20
20
22
8.50
680
0.104
480
680
640
0.195
0.104
0.120
9.80
9.07
10.70
760
760
680
0.083
0.083
0.104
6.16
5.16
7.91
6800
7000
10800
11100
12700
4800
( MHz )
Min.
19
250
2.2
250
250
250
3.3
3.6
4.7
19
19
15
250
250
Freq
( MHz )
2.0
1.0
( nH )
16
16
Min.
2.19
960
0.070
840
840
640
0.066
0.066
0.130
3.10
3.56
4.55
1040
1360
( mA )
Max.
0.070
0.045
Max.
(
)
1.93
1.02
Typ.
L
82
5.25
56
84
8.85
57
9.53
10.10
11.20
62
50
52
78
67
78
5.28
6.37
8.22
54
52
60
81
76
88
100
2.23
59
3.62
3.12
4.68
45
65
48
71
87
68
Typ.
1.02
1.93
L
Q
Typ.
77
54
Q
Typ.
69
75
SCI0402S-1N9 F
K, J
11300
250
1.9
16
1040
0.070
1.72
1.74
68
82
K, J
SCI0402S-2N4 F
10500
15
250
2.4
2.24
790
0.070
68
2.27
51
K, J
SCI0402S-2N7 F
10400
16
250
2.7
2.23
640
0.120
61
2.25
42
SCI0402S-4N3 F
K, J, G
4700
250
4.3
18
700
0.091
4.19
4.30
47
71
SCI0402S-3N9 F
K, J, G
6000
250
3.9
19
840
0.066
3.89
4.00
50
75
SCI0402S-6N8 F
K, J, G
4800
250
6.8
20
680
0.083
6.56
6.93
63
78
K, J, G
SCI0402S-8N7 F
4160
18
250
8.7
8.78
480
0.200
73
9.21
54
SCI0402S-9N5 F
K, J, G
3900
250
9.5
18
480
0.200
9.42
9.98
54
69
5800


Similar Part No. - SCI0402S-40N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0402S-40NF SUPERWORLD-SCI0402S-40NF Datasheet
226Kb / 5P
   WIREWOUND CHIP INDUCTORS
SCI0402S-40NGF SUPERWORLD-SCI0402S-40NGF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S-40NJF SUPERWORLD-SCI0402S-40NJF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S-40NKF SUPERWORLD-SCI0402S-40NKF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0402S-40N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com