Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI1008LP-80NKF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI1008LP-80NKF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008LP-80NKF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI1008LP-80NKF Datasheet HTML 1Page - Superworld Electronics SCI1008LP-80NKF Datasheet HTML 2Page - Superworld Electronics SCI1008LP-80NKF Datasheet HTML 3Page - Superworld Electronics SCI1008LP-80NKF Datasheet HTML 4Page - Superworld Electronics SCI1008LP-80NKF Datasheet HTML 5Page - Superworld Electronics SCI1008LP-80NKF Datasheet HTML 6Page - Superworld Electronics SCI1008LP-80NKF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40° C Max.
b) Operating temp. : -40° C to +125° C
a) Storage temp. : -25° C to +80° C
SCI1008LP SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260° C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
40
80
75
68
50
72
57
75
72
67
69
50
K, J, G
50
SCI1008LP-50N F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI1008LP-90N F
SCI1008LP-R56 F
SCI1008LP-60N F
SCI1008LP-80N F
SCI1008LP-70N F
50
90
560
25
60
80
70
50
50
50
SCI1008LP-15N F
SCI1008LP-30N F
SCI1008LP-20N F
SCI1008LP-40N F
SCI1008LP-8N2 F
50
15
K, J
K, J
20
40
30
K, J
K, J
50
50
50
K, J
8.2
50
600
500
0.480
1900
1.330
0.520
0.610
0.560
0.550
500
1400
100
400
500
500
500
1800
1400
1700
500
400
600
510
510
0.220
0.220
0.330
0.430
0.380
500
3000
500
500
500
2000
2400
2400
1500
5000
600
600
600
600
600
42
SCI1008LP-3N3 F
K, J
3.3
50
0.030
1500
6000
1000
50
SCI1008LP-6N8 F
K, J
6.8
50
0.170
1500
5400
600
67
50
K, J, G
56
SCI1008LP-56N F
600
500
0.490
1850
72
K, J, G
SCI1008LP-68N F
68
50
0.530
500
1750
560
Inductance tolerance :
: G : ± 2%
K : ± 10%
J : ± 5%
( nH )
Tolerance
Part No.
L
Available
Freq
Freq
Q
( MHz )
Min.
( MHz )
Test
Q Test
( )
( MHz )
(mA)
Max.
Min.
Max.
DCR
SRF
IDC


Similar Part No. - SCI1008LP-80NKF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008LP-80NF SUPERWORLD-SCI1008LP-80NF Datasheet
255Kb / 6P
   WIREWOUND CHIP INDUCTORS
SCI1008LP-80NF SUPERWORLD-SCI1008LP-80NF Datasheet
225Kb / 4P
   Wire Wound Inductor
More results

Similar Description - SCI1008LP-80NKF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com