Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI1008S-27NKF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI1008S-27NKF
Description  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008S-27NKF Datasheet(HTML) 3 Page - Superworld Electronics

  SCI1008S-27NKF Datasheet HTML 1Page - Superworld Electronics SCI1008S-27NKF Datasheet HTML 2Page - Superworld Electronics SCI1008S-27NKF Datasheet HTML 3Page - Superworld Electronics SCI1008S-27NKF Datasheet HTML 4Page - Superworld Electronics SCI1008S-27NKF Datasheet HTML 5Page - Superworld Electronics SCI1008S-27NKF Datasheet HTML 6Page - Superworld Electronics SCI1008S-27NKF Datasheet HTML 7Page - Superworld Electronics SCI1008S-27NKF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
22.06.2010
WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
SCI1008S SERIES
10000
2.52
K, J, G
SCI1008S-103F
SCI1008S-153F
SCI1008S-123F
15000
12000
K, J, G
K, J, G
2.52
2.52
7.96
2200
K, J, G
SCI1008S-2R2 F
SCI1008S-4R7 F
SCI1008S-8R2 F
SCI1008S-5R6 F
SCI1008S-6R8 F
SCI1008S-2R7 F
SCI1008S-3R3 F
SCI1008S-3R9 F
7.96
4700
K, J, G
8200
5600
6800
K, J, G
K, J, G
K, J, G
7.96
7.96
7.96
3900
2700
3300
K, J, G
K, J, G
K, J, G
7.96
7.96
7.96
7.96
150
20
9.00
15
7.96
7.96
15
15
15
18
120
130
11.5
10.5
160
2.80
280
50
28
25.2
90
20
7.96
7.96
7.96
15
16
15
25
20
40
25.2
25.2
25.2
22
22
20
140
110
100
4.00
260
170
240
200
6.00
4.00
4.90
290
260
290
3.20
3.40
3.60
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI1008S-R56 F
SCI1008S-R62 F
SCI1008S-R68 F
SCI1008S-R75 F
SCI1008S-R47 F
SCI1008S-R39 F
SCI1008S-R33 F
620
680
750
560
45
45
45
45
25
25
25
25
375
360
375
415
100
100
100
100
1.33
1.47
1.54
1.40
470
330
390
45
45
45
25
25
25
450
570
500
100
100
100
1.19
1.05
1.12
360
400
300
400
470
450
470
SCI1008S-1R0 F
SCI1008S-1R2 F
SCI1008S-1R5 F
SCI1008S-1R8 F
25
1000
K, J, G
1800
1200
1500
K, J, G
K, J, G
K, J, G
7.96
7.96
7.96
50
290
35
50
50
50
35
28
28
160
250
200
1.75
370
310
330
300
2.00
2.30
2.60
K, J, G
SCI1008S-R30 F
300
45
25
585
100
1.00
450
K, J, G
SCI1008S-R36 F
360
45
25
530
100
1.10
470
SCI1008S-R82 F
SCI1008S-R91 F
820
910
K, J, G
K, J, G
25
25
100
50
45
35
320
350
400
380
1.61
1.68
K, J, G
SCI1008S-R43 F
430
45
25
480
100
1.15
470
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
Tolerance
Available
Part No.
L
( nH )
( MHz )
( MHz )
Min.
Freq
Test
Q
Freq
Q Test
Max.
Min.
Max.
( MHz )
SRF
(
)
DCR
( mA )
IDC


Similar Part No. - SCI1008S-27NKF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008S-27NF SUPERWORLD-SCI1008S-27NF Datasheet
282Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI1008S-27NF SUPERWORLD-SCI1008S-27NF Datasheet
225Kb / 5P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI1008S-27NKF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com