Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC1036HU1R0MN-65 Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIC1036HU1R0MN-65
Description  MOLDED POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1036HU1R0MN-65 Datasheet(HTML) 2 Page - Superworld Electronics

  PIC1036HU1R0MN-65 Datasheet HTML 1Page - Superworld Electronics PIC1036HU1R0MN-65 Datasheet HTML 2Page - Superworld Electronics PIC1036HU1R0MN-65 Datasheet HTML 3Page - Superworld Electronics PIC1036HU1R0MN-65 Datasheet HTML 4Page - Superworld Electronics PIC1036HU1R0MN-65 Datasheet HTML 5Page - Superworld Electronics PIC1036HU1R0MN-65 Datasheet HTML 6Page - Superworld Electronics PIC1036HU1R0MN-65 Datasheet HTML 7Page - Superworld Electronics PIC1036HU1R0MN-65 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
0
( µH )
± 20% @ 0 A
DCR
Typ. @ 25° C
( m )
Irms
( A )
( A )
Isat
Typ.
Typ.
7. CHARACTERISTICS CURVES :
DCR
( m )
Max. @ 25° C
11.03.2011
PIC1036HUR22MN-
0.22
1.22
31.5
58
1.32
PIC1036HUR33MN-
0.33
0.9
28
50.5
1.20
PIC1036HUR47MN-
0.47
1.8
24
42
2.4
PIC1036HUR68MN-
0.68
3.0
20
36
3.32
PIC1036HU1R0MN-
1.00
3.45
18.5
34
3.74
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PIC1036HU1R5MN-
1.50
6.41
15
27
5.84
PIC1036HU4R7MN-
4.70
21.8
7.5
13.5
23.5
PIC1036HU3R3MN-
3.30
14.4
9
16.5
15.5
PIC1036HUR56MN-
0.56
2.4
21.5
39
2.82
MOLDED POWER CHOKE COIL
PIC1036HU SERIES
0
9.5
19
28.5
38
47.5
57
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0
20
40
60
80
100
120
TMPC1036HU-R22
PIC1036HUR22MN
0
10.1
20.2
30.3
40.4
50.5
DC CURRE NT(A)
0
0.2
0.4
0.6
0.8
0
20
40
60
80
100
TMPC1036HU-R33
PIC1036HUR33MN
HF
Halogen
Free


Similar Part No. - PIC1036HU1R0MN-65

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
PIC1000N SELEC-PIC1000N Datasheet
951Kb / 2P
   Advanced Process Indicator
PIC1000N-A SELEC-PIC1000N-A Datasheet
951Kb / 2P
   Advanced Process Indicator
PIC1000N-A-24V SELEC-PIC1000N-A-24V Datasheet
951Kb / 2P
   Advanced Process Indicator
PIC1000N-D-2 SELEC-PIC1000N-D-2 Datasheet
951Kb / 2P
   Advanced Process Indicator
PIC1000N-D-2-24V SELEC-PIC1000N-D-2-24V Datasheet
951Kb / 2P
   Advanced Process Indicator
More results

Similar Description - PIC1036HU1R0MN-65

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0624M SUPERWORLD-PIB0624M Datasheet
330Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1003M SUPERWORLD-PIB1003M Datasheet
328Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com