Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC1204-330MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDC1204-330MF
Description  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1204-330MF Datasheet(HTML) 1 Page - Superworld Electronics

  SDC1204-330MF Datasheet HTML 1Page - Superworld Electronics SDC1204-330MF Datasheet HTML 2Page - Superworld Electronics SDC1204-330MF Datasheet HTML 3Page - Superworld Electronics SDC1204-330MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S D C 1 2 0 4 - 3 R 9 Y F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 3R9 = 3.9uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
B
4. GENERAL SPECIFICATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Tolerance code : M = ±20%, Y = ±30%
(e) F : RoHS Compliant
b) Rated current : Base on temp. rise & L/L0A < 35%
a) Temp. rise : 40°C
Typ.
SDC1204 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
17.09.2009
PCB Pattern
5.0 Max.
CD
5.0 Ref.
12.8 Max.
12.8 Max.
7.6 Ref.
EF
2.2 Ref.
Unit:m/m
12.6 Ref.
L
H
5.4 Ref.
A
C
D
L
G
c) Operating temp. : -40°C to +85°C
d) Storage temp. : -40°C to +85°C
Clip Termination
Marking
G
7.0 Ref.


Similar Part No. - SDC1204-330MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC1204-330MF SUPERWORLD-SDC1204-330MF Datasheet
232Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SDC1204-330MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com