Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDL1108N-R80LF Datasheet(PDF) 7 Page - Superworld Electronics

Part # SDL1108N-R80LF
Description  HIGH CURRENT POWER INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-R80LF Datasheet(HTML) 7 Page - Superworld Electronics

  SDL1108N-R80LF Datasheet HTML 1Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 2Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 3Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 4Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 5Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 6Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 7Page - Superworld Electronics SDL1108N-R80LF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
01.07.2009
HIGH CURRENT POWER INDUCTORS
SDL1108N SERIES
9. SOLDERING AND MOUNTING :
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
9-2.2 Soldering Iron (Figure 2) :
b) 280°C tip temperature (max)
Natural
cooling
30~60s
Figure 1. Re-flow Soldering
a soldering iron must be employed the following precautions are recommended.
a) Preheat circuit and products to 150°C.
c) Never contact the ceramic with the iron tip
150
180
60~120s
Preheating
250~260
230
Soldering
10s max.
Note :
300
Over 1min.
Within 3secs.
Figure 2. Iron Soldering
150
Gradual
Cooling
Preheating
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
350
Soldering
Natural
cooling
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
Recommended temperature profiles for re-flow soldering in Figure 1.
9-2. Soldering
air soldering tools.
9-2.1 Solder Re-flow :
H
ØI
6.3±0.5
6.4±0.5
G
1.8 Ref.
HI
9.0±0.5
J


Similar Part No. - SDL1108N-R80LF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDL1108 SUPERWORLD-SDL1108 Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
669Kb / 4P
   High Current POWER INDUCTORS
SDL1108-1R2MF SUPERWORLD-SDL1108-1R2MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R5MF SUPERWORLD-SDL1108-1R5MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
More results

Similar Description - SDL1108N-R80LF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
   HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
   HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
   High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
   High current power inductors
HC9 EATON-HC9 Datasheet
441Kb / 4P
   High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
   High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
   High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
   High current power inductors
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SDL1008P SUPERWORLD-SDL1008P Datasheet
173Kb / 3P
   HIGH CURRENT POWER INDUCTORS
SDL1310 SUPERWORLD-SDL1310 Datasheet
203Kb / 4P
   HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com