Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIN-02E2A Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SLIN-02E2A
Description  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-02E2A Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SLIN-02E2A Datasheet HTML 1Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 2Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 3Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 4Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 5Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 6Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 7Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 8Page - Bel Fuse Inc. SLIN-02E2A Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
3
NON-ISOLATED DC/DC CONVERTERS
3 Vdc - 14 Vdc Input, 0.6 Vdc - 5.5 Vdc /2 A Outputs
January 14, 2011
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
-1.5
-
+1.5
%Vo,set
with 0.5% tolerance for external resistor
used to set output voltage
Output Voltage
-2.5
-
+2.5
%Vo,set
Over all operating input voltage, resistive
load, and temperature conditions until end
of life
Adjustment Range
1
0.6
-
5.5
V
selected by an external resistor
Remote Sense Range
-
-
0.5
V
Load Regulation
VO ≥ 2.5V
VO < 2.5V
-
-
-
-
10
5
mV
mV
IO=IO, min to IO, max
Line Regulation
VO ≥ 2.5V
VO < 2.5V
-
-
-
-
0.4
10
%Vo,set
mV
VIN=VIN, min to VIN, max
Temperature Regulation
(-40°C to +85°C)
-
-
0.4
%Vo,set
Ripple and Noise (pk-pk)
-
50
100
mV
Ripple and Noise (rms)
-
20
38
mV
5Hz to 20MHz BW, VIN=VIN, nom and IO=IO,
min to IO, max Co = 0.1μF // 10 μF ceramic
capacitors)
Output Current Range
0
-
2
A
in either sink or source mode
Output DC Current Limit
-
180
%Io,max
Hiccup Mode
Output Short-Circuit Current
-
140
mA
Vo≤250mV, Hiccup Mode
Output Capacitance
2
ESR≥ 1 mΩ
ESR≥0.15 mΩ
ESR≥ 10 mΩ
22
0
0
-
-
-
47
1000
3000
uF
uF
uF
Without the Tunable Loop
TM
With the Tunable Loop
TM
With the Tunable Loop
TM
-
5
-
mS
Case 1: On/Off input is enabled and then
input power is applied (delay from instant
at which VIN = VIN, min until Vo =10% of
Vo, set)
Turn-On Delay Time
-
5.2
-
mS
Case 2: Input power is applied for at least
one second and then the On/Off input is
enabled (delay from instant at which
Von/Off is enabled until Vo =10% of Vo,
set)
Output voltage Rise time
-
1.4
-
mS
time for Vo to rise from 10% of Vo, set to
90% of Vo, set
Output voltage overshoot
-
-
3.0
%Vo,set
Vin=Vin, min to Vin, max, Io=Io, min to Io,
max, With or without maximum external
capacitance
Notes: 1. Some output voltages may not be possible depending on the input voltage.
2. External capacitors may require using the new Tunable Loop
TM feature to ensure that the module is
stable as well as getting the best transient response (See the Tunable Loop
TM section for details).
3. Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.


Similar Part No. - SLIN-02E2A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-02E2AX BEL-SLIN-02E2AX Datasheet
435Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-02E2A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com