Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB12051R5YZF-17 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPB12051R5YZF-17
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB12051R5YZF-17 Datasheet(HTML) 2 Page - Superworld Electronics

  SPB12051R5YZF-17 Datasheet HTML 1Page - Superworld Electronics SPB12051R5YZF-17 Datasheet HTML 2Page - Superworld Electronics SPB12051R5YZF-17 Datasheet HTML 3Page - Superworld Electronics SPB12051R5YZF-17 Datasheet HTML 4Page - Superworld Electronics SPB12051R5YZF-17 Datasheet HTML 5Page - Superworld Electronics SPB12051R5YZF-17 Datasheet HTML 6Page - Superworld Electronics SPB12051R5YZF-17 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. GENERAL SPECIFICATION :
c) Hi-Pot (N1-N2) : 200Vac / 3mA / 1sec
b) Temp. Rise : 40°C Typ. at Irms
a) L/L0A : 30% Typ. at Isat
PG. 2
d) Operating temp. : -40°C to +125°C
e) Storage temp. : -40°C to +125°C
17.12.2010
f) Resistance to solder heat : 260°C.10secs
6. ELECTRICAL CHARACTERISTICS :
2.200
SPB12052R2YZF-
100.000
82.000
220.000
1000.00
680.000
820.000
470.000
330.000
150.000
SPB12053R3YZF-
22.000
68.000
47.000
33.000
6.800
10.000
15.000
8.200
4.500
3.300
Inductance
Part No.
1.000
1.500
0.560
( µH )
Ref.
Test
0.25V/100K
Frequency
( Hz )
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
2.208
102.700
86.890
216.800
975.200
679.800
828.000
473.100
332.600
151.100
22.360
67.910
47.470
33.740
6.588
9.654
15.350
8.048
4.250
3.084
0.984
1.478
0.540
Inductance
( µH )
Ref.
0.0075
0.1830
0.1400
0.3760
1.6600
1.1450
1.4590
0.7740
0.5600
0.2640
0.0420
0.1180
0.0810
0.0600
0.0165
0.0224
0.0298
0.0180
0.0105
0.0095
0.0050
0.0060
0.0043
RDC
(
)
Max.
12.0
1.75
2.00
1.20
0.60
0.71
0.63
0.82
1.00
1.50
3.65
2.20
2.60
3.10
7.00
5.70
4.70
6.50
9.00
10.2
19.0
12.5
25.0
Isat
( A )
8.00
1.40
1.60
0.90
0.28
0.45
0.38
0.55
0.70
1.10
3.00
1.80
2.20
2.70
4.30
3.70
3.30
4.00
4.60
4.80
8.50
8.20
9.50
Irms
( A )
Parallel
8.832
410.800
347.600
867.200
4032.000
2719.000
3312.000
1892.000
1330.000
604.400
89.440
271.000
189.900
135.000
26.350
38.620
61.400
32.190
16.510
12.340
3.576
5.912
2.100
Inductance
( µH )
Ref.
0.0290
0.7280
0.5580
1.4900
6.6600
4.5800
3.1000
2.2400
1.0500
0.1720
0.4600
0.3250
0.2460
0.0640
0.0895
0.1190
0.0700
0.0410
0.0380
0.0200
0.0245
0.0160
RDC
(
)
Max.
6.00
0.90
1.00
0.60
0.29
0.33
0.31
0.38
0.48
0.75
1.80
1.10
1.35
1.55
3.50
2.80
2.30
3.10
4.50
5.00
9.20
7.00
12.50
Isat
( A )
3.80
0.50
0.75
0.38
0.18
0.27
0.20
0.30
0.35
0.45
1.52
0.80
1.10
1.30
2.30
1.80
1.65
2.00
2.80
3.20
4.60
4.00
5.00
Irms
( A )
Series
5.8400
SPB12051R0YZF-
SPB1205R56YZF-
SPB12051R5YZF-
SPB12054R5YZF-
SPB12056R8YZF-
SPB12058R2YZF-
SPB1205100YZF-
SPB1205150YZF-
SPB1205220YZF-
SPB1205330YZF-
SPB1205470YZF-
SPB1205680YZF-
SPB1205820YZF-
SPB1205101MZF-
SPB1205151MZF-
SPB1205221MZF-
SPB1205331MZF-
SPB1205471MZF-
SPB1205681MZF-
SPB1205821MZF-
SPB1205102MZF-
Tolerance code : M = ±20%
Y = ±30%
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPB1205 SERIES


Similar Part No. - SPB12051R5YZF-17

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB1207 SUPERWORLD-SPB1207 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-11 SUPERWORLD-SPB1207100MZF-11 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-20 SUPERWORLD-SPB1207100MZF-20 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-30 SUPERWORLD-SPB1207100MZF-30 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-40 SUPERWORLD-SPB1207100MZF-40 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB12051R5YZF-17

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com