Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIN-03E2A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SLIN-03E2A
Description  NON-ISOLATED DC/DC CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-03E2A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SLIN-03E2A_10 Datasheet HTML 1Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 2Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 3Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 4Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 5Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 6Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 7Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 8Page - Bel Fuse Inc. SLIN-03E2A_10 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
December 3, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Features
Applications
Description
The SLIN-03E2Ax power modules are non-isolated dc-dc converters that can deliver up to 3A of output current.
These modules operate over a wide range of input voltage (VIN = 4.5Vdc-14Vdc) and provide a precisely
regulated output voltage from 0.59Vdc to 5.5Vdc, programmable via an external resistor. Features include
remote On/Off, adjustable output voltage, and over current and over temperature protection. A new feature, the
Tunable Loop
TM, allows the user to optimize the dynamic response of the converter to match the load with
reduced amount of output capacitance leading to savings on cost and PWB area.
Part Selection
Output Voltage
Input Voltage
Max. Output
Current
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
0.59 Vdc - 5.5 Vdc
4.5 Vdc - 14 Vdc
3 A
91%
SLIN-03E2A0
SLIN-03E2AL
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
S LIN – 03 E 2A 0
1
2
3 4 5 6
1---Surface mount
4--- Wide input voltage range (4.5-14V)
2---Series code
5--- Wide output voltage range (0.59-5.5V)
3---Output current (3A)
6--- Enable, active high, change “0” to “L” means active low
Wide Input Voltage Range
Ability to Sink and Source Current
Fixed Switching Frequency
Cost Efficient Open Frame Design
Power Good Signal
Over Temperature Protection
Remote Sense
Output Over Current Protection
Remote On/Off
Tunable Loop
TM (a registered trademark of Lineage Power Systems) to
Optimize Dynamic output voltage response
Class 1, Category 2, Non-Isolated DC/DC Converter (refer to IPC-9592)
Compliant to RoHS EU Directive 2002/95/EC
Compatible in a Pb-free or SnPb reflow environment
UL
* 60950-1Recognized, CSA
C22.2 No. 60950-1-03 Certified
VDE
0805:2001-12 (EN60950-1) Licensed
Distributed power architectures
Servers and storage applications
Intermediate bus voltage applications
Networking equipment
Telecommunications equipment
Industrial equipment
SLIN-03E2Ax
RoHS Compliant
Rev.F


Similar Part No. - SLIN-03E2A_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03E2A0 BEL-SLIN-03E2A0 Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E2AL BEL-SLIN-03E2AL Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
More results

Similar Description - SLIN-03E2A_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com