Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIN-20E1AL Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SLIN-20E1AL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-20E1AL Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SLIN-20E1AL Datasheet HTML 1Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 2Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 3Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 4Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 5Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 6Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 7Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 8Page - Bel Fuse Inc. SLIN-20E1AL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
2
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
December 10, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Continuous Input Voltage
-0.3
-
15
V
Voltage on SEQ terminal
-0.3
-
VIN
V
Voltage on SYNC terminal
-0.3
-
12
V
Voltage on PG terminal
-0.3
-
6
V
Operating Ambient Temperature
-40
-
85
°C
Storage Temperature
-55
-
125
°C
Note: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These
are absolute stress ratings only, functional operation of the device is not implied at these or any other
conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute
maximum ratings for extended periods can adversely affect the device reliability.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Operating Input Voltage
4.5
-
14
V
Input Current (full load)
-
-
20
A
VIN=4.5V to 14V
-
42
-
mA
Vo=0.69V, VIN=10V, IO=0, module enabled
Input Current (no load)
-
74
-
mA
Vo=3.3V, VIN=12V, IO=0, module enabled
Input Stand-by Current
-
3
-
mA
VIN = 12V, module disabled
Input Reflected Ripple Current
(pk-pk)
-
43
-
mA
5Hz to 20MHz, 1μH source impedance; VIN
=4.5 to 14V, IO= IOmax
I
2t Inrush Current Transient
-
-
1
A
2s
Input Ripple Rejection (120Hz)
-
45
-
dB
Turn-on Threshold
-
4.45
-
V
Turn-off Threshold
-
4.2
-
V
Hysteresis
-
0.25
-
V
CAUTION: This converter is not internally fused. An input line fuse must be used in application.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to
an integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not
included; however, to achieve maximum safety and system protection, always use an input line fuse. The safety
agencies require a fast-acting fuse with a maximum rating of 20A. Based on the information provided in this
data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be
used. Refer to the fuse manufacturer’s data sheet for further information.
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.


Similar Part No. - SLIN-20E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-20E1AL BEL-SLIN-20E1AL Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
SLIN-20E1AL BEL-SLIN-20E1AL Datasheet
1Mb / 26P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-20E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com