Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIN-50E1AL Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SLIN-50E1AL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-50E1AL Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SLIN-50E1AL Datasheet HTML 1Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 2Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 3Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 4Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 5Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 6Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 7Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 8Page - Bel Fuse Inc. SLIN-50E1AL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
4
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.7 Vdc – 2 Vdc /50 A Outputs
February 18, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
Vo=0.7V
Vo=1.2V
Vo=1.8V
-
-
-
81.1
87.0
90.1
-
-
-
%
%
%
Vin= 12Vdc, Ta=25°C
Io=Io, max , Vo= Vo,set
Switching Frequency
-
260
-
kHz
Over Temperature Protection
-
125
-
°C
Sequencing Slew rate capability
-
-
2
V/mS
VIN, min to VIN, max; IO, min to IO, max
VSEQ < Vo
Sequencing Delay time
10
-
-
mS
Delay from VIN, min to application of
voltage on SEQ pin
Tracking Accuracy
Power-Up: 2V/ms
Power-Down: 1V/ms
-
-
100
200
200
400
mV
mV
VIN, min to VIN, max; IO, min - IO, max
VSEQ < Vo
PGOOD (Power Good)
Internal pull-up, VPGOOD
Overvoltage threshold for PGOOD
Undervoltage threshold for PGOOD
-
-
-
5
112.5
87.5
-
-
-
V
%Vo,set
%Vo,set
Forced Load Share Accuracy
-
10
-
%Io
Number of Units in Parallel
-
-
5
-
Weight
-
14.22
-
g
MTBF
4,755,661
Hours
Calculated MTBF (IO=IO, max,
Ta=40°C) per Telecordia Issue 2,
Method I, Case 3
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.30 x 0.90 x 0.34
33 x 22.9 x 10
-
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.


Similar Part No. - SLIN-50E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-50E1AL BEL-SLIN-50E1AL Datasheet
1Mb / 27P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-50E1AL BEL-SLIN-50E1AL_15 Datasheet
1Mb / 27P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-50E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com