Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3F161-RD-10 Datasheet(PDF) 3 Page - Superworld Electronics

Part # W3F161-RD-10
Description  WIREWOUND TYPE COMMON MODE FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W3F161-RD-10 Datasheet(HTML) 3 Page - Superworld Electronics

  W3F161-RD-10 Datasheet HTML 1Page - Superworld Electronics W3F161-RD-10 Datasheet HTML 2Page - Superworld Electronics W3F161-RD-10 Datasheet HTML 3Page - Superworld Electronics W3F161-RD-10 Datasheet HTML 4Page - Superworld Electronics W3F161-RD-10 Datasheet HTML 5Page - Superworld Electronics W3F161-RD-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
14.04.2009
8. RELIABILITY & TEST CONDITION :
Storage Temperature
Operating Temperature
Component Adhesion
(Push Test)
Component Adhesion
Solder Heat Resistance
Solderability Test
Mechanical Performance Test
Temperature Rise Test
Rated Current
Z (common mode)
Electrical Characteristics Test
ITEM
(Pull Test)
I.R.
DCR
0.8 (min.)
W4 (N)
attached to component.
bend, the ends of even wire lengths upward and
1. Insert 10cm wire into the remaining open eye
2. Terminal shall not be remarkably damaged.
0.5 (min.)
0.5 (min.)
0.8 (min.)
0.8 (min.)
0.5 (min.)
W3 (N)
Size
F (Kg)
wind together.
Glass Epoxy
Substrate with
Copper Clad
Core
F
TEST CONDITION
PERFORMANCE
Zentech 702A (Ultra High Resistance Meter)
must withstand F(Kg) without failure of the termination
The device should be reflow solder (230±5°C for 10 secs.)
should be applied the side of the component. The device
to a tinned copper substrate. A dynometer force gauge
After fluxing component shall be dipped in a melted
2. Temperature measured by digital surface thermometer.
temperature rise should not be more than 30°C.
should be less than ±25% to initial value and
Applied the current to coils the impedance change
5±0.5
seconds
60
seconds
0.8 (min.)
0.5 (min.)
2. Impedance : within ±25% of initial value.
electrical and mechanical damage.
1. Components should have not evidence of
W3 (S)
W4 (S)
Size
F (Kg)
Dip time : 10±5 secs.
Flux : rosin
Solder temperature : 260±5°C
Preheat : 150°C 60secs
Solder : Sn-Ag3-Cu0.5
60
seconds
solder bath at 245±5°C for 5 seconds.
260°C
150°C
Dipping
10±0.5
seconds
Preheating
Natural
cooling
Refer to standard electrical characteristics list
More than 90% of termincal electrode should
-40°C ~ +85°C
-40°C ~ +85°C
be covered with solder.
30°C max. ( t)
1. Applied the allowed DC current.
245°C
150°C
Dipping
Preheating
cooling
Natural
HP-4291A + HP-16092A
HP-4338B
W4 (N)
W3 (N)
W3 (S)
W4 (S)
WIREWOUND TYPE COMMON MODE FILTER
W3 SERIES


Similar Part No. - W3F161-RD-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W3F161-RC-10 SUPERWORLD-W3F161-RC-10 Datasheet
966Kb / 10P
   Common Mode Filter
More results

Similar Description - W3F161-RD-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
   WIREWOUND TYPE Common Mode Filter
W4F300-RD-10 SUPERWORLD-W4F300-RD-10 Datasheet
371Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
   WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
   WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com