Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-16F2A0 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRBC-16F2A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-16F2A0 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRBC-16F2A0 Datasheet HTML 1Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 2Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 3Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 4Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 5Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 6Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 7Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 8Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/16 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response
50% ~ 100% Max Load
-
300 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
300 mV
-
Settling Time
All
-
50 uS
-
di/dt=2.5 A/uS; Vin=5 V; and
with 10 uF/16 V tantalum
capacitor & 1 uF/10 V ceramic
capacitor at the output
50% ~ 100% Max Load
-
150 mV
-
Settling Time
-
100 uS
-
100% ~ 50% Max Load
-
150 mV
-
Settling Time
All
-
100 uS
-
di/dt=2.5 A/us, Vin=5 V; and
with two 150 uF/10 V tantalum
capacitors & 1 uF/10 V ceramic
capacitor at the output
Note:
All specifications are typical at nominal input (Vin=5 V), full load at 25 °C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
92%
90%
88%
85%
82%
76%
94%
92%
90%
88%
85%
79%
-
-
-
-
-
-
Measured at Vin=5 V, full load
Switching Frequency
250 kHz
300 kHz
350 kHz
Over Temperature Shutdown
-
125
°C
-
Output Trim Range (Wide Trim)
0.7525 V
-
3.63 V
Remote Sense Compensation
-
-
5%
MTBF
5,438,000 hours
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.30 x 0.53 x 0.315
33.02 x 13.46 x 8.00
Weight
-
6.6 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3 V
-
0.3 V
Signal High (Unit On)
1.5 V
-
5.8 V
SRBC-16F2A0; Remote On/Off pin open, Unit
on.
Signal Low (Unit On)
-0.3 V
-
0.3 V
Signal High (Unit Off)
1.5 V
-
5.8 V
SRBC-16F2AL; Remote On/Off pin open, Unit
on.
Sequencing Voltage
0.05V
-
Vin
Sequencing Voltage should be higher than
output voltage.
Sequencing Slew Rate Capability
-
-
2 V/mS
Sequencing Delay Time
10 mS
-
-
Delay from Vinmin to application of voltage on
SEQ pin
Tracking Accuracy
Power-Up
Power-Down
-
-
100 mV
200 mV
200 mV
400 mV


Similar Part No. - SRBC-16F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16F2A0 BEL-SRBC-16F2A0 Datasheet
209Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
More results

Similar Description - SRBC-16F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com