Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRBA-06A2A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRBA-06A2A
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-06A2A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRBA-06A2A Datasheet HTML 1Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 2Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 3Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 4Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 5Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 6Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 7Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 8Page - Bel Fuse Inc. VRBA-06A2A Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.5 Vdc/6 A Output
Non-Isolated
Under-Voltage Lockout (UVLO)
High Efficiency
OCP/SCP
High Power Density
Wide Input Range
Fixed Frequency
Wide Trim Range
Remote On/Off
Active Low/High (Option)
Flexible Output Voltage Sequencing
Description
The Bel VRBA-06A2Ax modules are a series of non-isolated dc/dc converters that deliver up to 6 A of output
current with full load efficiency of 92% at 5.0 Vdc output. These modules provide precisely regulated voltage
programmable via external resistor from 0.75 Vdc to 5.5 Vdc over a wide range of input voltage (8.3 Vdc - 14
Vdc). These modules have a sequencing feature that enables designers to implement various types of output
voltage sequencing when powering multiple voltages on a board. The open-frame construction and small
footprint enable designers to develop cost and space-efficient solutions. Standard features include remote On/Off,
over current protection, short current protection, wide input, and programmable output voltage.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
0.75 V - 5.5 V
8.3 V - 14 V
6 A
33 W
92%
VRBA-06A2AL
VRBA-06A2A0
Notes:
1.Change the last character “L” to “C” to indicate 0.20’’ pin length.
2. Add “G” suffix at the end of the model number to indicate Tray Packaging.
3. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Sequencing Voltage
1
-0.3 V
-
Vin
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Notes
: All specifications are typical at 25
°C unless otherwise stated.
1. VRBA-06A2Ax series of modules include a sequencing feature that enables users to implement
various types of output voltage sequencing in their applications. This is accomplished via an additional
sequencing pin. When the sequencing feature is not used, tie the SEQ pin to Vin or leave the SEQ pin
floating.
VRBA-06A2Ax
RoHS Compliant
Rev.A


Similar Part No. - VRBA-06A2A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
953Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRBA-06A2AX BEL-VRBA-06A2AX_07 Datasheet
953Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRBA-06A2A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com