Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI565050-1R0MF-77 Datasheet(PDF) 5 Page - Superworld Electronics

Part # WI565050-1R0MF-77
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI565050-1R0MF-77 Datasheet(HTML) 5 Page - Superworld Electronics

  WI565050-1R0MF-77 Datasheet HTML 1Page - Superworld Electronics WI565050-1R0MF-77 Datasheet HTML 2Page - Superworld Electronics WI565050-1R0MF-77 Datasheet HTML 3Page - Superworld Electronics WI565050-1R0MF-77 Datasheet HTML 4Page - Superworld Electronics WI565050-1R0MF-77 Datasheet HTML 5Page - Superworld Electronics WI565050-1R0MF-77 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
25.10.2010
WI565050 SERIES
7. RELIABILTY TEST :
MOLDED WIREWOUND CHIP INDUCTORS
A period of 2 hours in each of 3 mutually perpendicular
Directions & times : X, Y, Z directions for 2 hours.
(1 angle, 1 ridge and 2 surface orientations)
Drop from a height of 1m with 981m/s² (100G) altitude
Bend PCB at middle point, the deflection shall be 2mm.
directions (Total 6 hours).
Amplitude : 0.75mm
Frequency : 10~55Hz
Peak temp. : 245±5°C
Refer to reflow curve.
Terminal Strength Push Test
Pulling Test :
JIS C 5321:1997
Reference documents:
applied on the right conditions.
dielectric must not be damaged by the forces
Bending Test : The terminal electrode & the
8mm²<A<20mm²
A : Sectional area of terminal
20mm²<A
A<8mm²
>10N
10
>20N
10
Bending Test :
R0.5
Time (sec)
Force
>5N
30
X
Pulling Test :
MIL-STD-202G Method 203C
Reference documents:
Drop Test
MIL-STD-202G Method 201A
Reference documents:
Vibration Test
1. No case deformation or change in appearance.
1. No case deformation or change in appearance.
Heat Endurance of
Reflow Soldering
IPC J-STD-020B
Reference documents:
PERFORMANCE
1. No case deformation or change in appearance.
ITEM
No. of cycle : 3
Sample
1.0
Y
10Hz
1Min
Time
55Hz
Freq
TEST CONDITION
4. DCR/DCR<10% or 15%
2. L/L<10%
3. Q/Q < 30%
3. Q/Q < 30%
4. DCR/DCR<10% or 15%
2. L/L<10%
4. DCR/DCR<10% or 15%
3. Q/Q < 30%
2. L/L<10%
270
50
250
200
150
100
300
Preheat
Peak
Ramp-up
Ram p-down
270
260±5°C
Reflow Curve


Similar Part No. - WI565050-1R0MF-77

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI565050-1R0F SUPERWORLD-WI565050-1R0F Datasheet
253Kb / 5P
   Wire Wound Inductor
WI565050-1R0KF SUPERWORLD-WI565050-1R0KF Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI565050-1R0MF-77

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com