Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z7M132-RN-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # Z7M132-RN-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z7M132-RN-10 Datasheet(HTML) 5 Page - Superworld Electronics

  Z7M132-RN-10 Datasheet HTML 1Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 2Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 3Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 4Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 5Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 6Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 7Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 8Page - Superworld Electronics Z7M132-RN-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
04.07.2008
FERRITE CHIP BEADS
Z7 SERIES
Derating Curve
For the ferrite chip bead which withstanding current over 1.5A, as the
operating temperature over 85°C, the derating current information is
necessary to consider with. For the detail derating of current, please
refer to the Derated Current vs. Operating Temperature curve.
not be allowed.
Impedance : Within ±30%
Appearance : Cracking, shipping & any other
defects harmful to the characteristics should
The ferrite should not be damaged by forces
applied on the right condition.
Random Vibration Test
Bending Strength
ITEM
1.0(0.039)
R0.5(0.02)
directions (Total 6 hours).
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
Z8
Z7
Z6
Z5
Z4
Z3
A
2.70 (0.106)
2.00 (0.079)
1.40 (0.055)
2.5
2.5
1.0
Series name
Z2
PERFORMANCE
TEST CONDITION
P-Kgf
mm (inches)
0.80 (0.033)
0.3
Chip
height of 75cm.
Drop 10 times on a concrete floor from a
Drop
a. No mechanical damage
b. Impedance change : ±30%
Appearance : No damage.
Impedance : Within ±30% of initial value.
Temperature
Loading at High
Humidity : 90~95% RH.
Temperature : 40±2°C
Duration : 500±12hrs
Duration : 500±12hrs
Applied Current : rated current
Temperature : 125±5°C
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Humidity
Measured : 5 times
Appearance : No damage.
Phase
Impedance : Within ±30% of initial value.
Low temperature storage test
Thermal Shock
Number of cycles : 5
Step2 : +125±5°C 30±3 min.
Duration : 500±12hrs
Temperature : -55±2°C
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
+125±5°C
-55±2°C
2
1
30±3
30±3
For Z Series :
Step1 : -55±2°C 30±3 min.
Condition for 1 cycle
Temperature (°C)
Times (min.)
height of 75cm.
Drop 10 times on a concrete floor from a
Drop
a. No mechanical damage
b. Impedance change : ±30%
8. RELIABILITY & TEST CONDITION :
1A
1.5A
3A
2A
6A
5A
4A
4
5
6
2
3
1
0
Derating
Operating Temperature(¢X
C)
125
85
Operating Tem perature(°C)


Similar Part No. - Z7M132-RN-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z7M STMICROELECTRONICS-Z7M Datasheet
74Kb / 8P
   1A TRIACS
More results

Similar Description - Z7M132-RN-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com