Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRP1-30E3AD Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # VRP1-30E3AD
Description  NON-ISOLATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRP1-30E3AD Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button VRP1-30E3AD Datasheet HTML 5Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 6Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 7Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 8Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 9Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 10Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 11Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 12Page - Bel Fuse Inc. VRP1-30E3AD Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
9
NON-ISOLATED DC/DC CONVERTERS
6.5 Vdc - 13.8 Vdc Input, 1.025 Vdc - 1.2 Vdc/30 A Output
Mar. 07, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Remote Sense
This module has remote sense compensation feature. It can minimize the effects of resistance between
module’s output and load in system layout and facilitates accurate voltage regulation at load terminals or
other selected point.
1. The remote sense lines carries very little current and hence do not require a large cross-sectional area.
2. This module compensates for a maximum drop of 10% of the nominal output voltage.
3. If the unit is already trimmed up, the available remote sense compensation range should be
correspondingly reduced. The total voltage increased by trim and remote sense should not exceed 10%
of the nominal output voltage.
4. When using remote sense compensation, all the resistance, parasitic inductance and capacitance of the
system are incorporated within the feedback loop of this module. It can make an effect on the module's
compensation, affecting the stability and dynamic response. A 0.1uF ceramic capacitor can be
connected at the point of load to de-couple noise on the sense wires.
5. Recommend the connection of remote sense compensation as below figure. There are a resistor RS+
(51.1 ohm) from Vo+ to Sense+ and a resistor RS- (51.1 ohm)) from Vo- to Sense- inside of this module.
6. If not using remote sense compensation, please connect sense directly to output at module's pin, that is,
connect sense+ to Vo+ and sense- to Vo- at module's pin, the shorter the better. See below figure.
Sense+
Sense-
V o-
Vo+
Load
Sense+
Sense-
Vo-
V o+
Load


Similar Part No. - VRP1-30E3AD

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRP1-20E1A0 BEL-VRP1-20E1A0 Datasheet
243Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E1AC BEL-VRP1-20E1AC Datasheet
237Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E1AC BEL-VRP1-20E1AC Datasheet
255Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E1AC BEL-VRP1-20E1AC_09 Datasheet
255Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRP1-30E3AD

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com