Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRP3-90E1A0 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRP3-90E1A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRP3-90E1A0 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRP3-90E1A0 Datasheet HTML 1Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 2Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 3Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 4Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 5Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 6Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 7Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 8Page - Bel Fuse Inc. VRP3-90E1A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
NON-ISOLATED DC/DC CONVERTERS
6.5 Vdc - 13.2 Vdc Input, 1.2 Vdc - 2.1 Vdc Output
Aug. 12, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Non-Isolated
Over/Under Voltage Protection
High Efficiency
OCP/SCP
Fixed Frequency
2-Wire Remote sense
Wide Input
2 bit VID Digital Voltage Programming
Remote On/Off
Open-drain Power Good Output
IMON Pin for Output Current Monitoring
Power State Indicator(PSI#) Pin for Phase Dropping and Higher
Efficiency During Light Load States
Class 1, Category 2, Non-Isolated DC/DC Converter (refer to IPC-9592)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The VRP3-90ExA0 series are non-isolated step down DC/DC converters providing up to 90 A output current.
Standard features include remote on/off, remote sense, 2 bit VID digital voltage programming, a power good
signal, over voltage and under voltage protection, over current protection, current monitor and power State
Indicator (PSI#). This product may be used almost anywhere low-voltage silicon is being employed and a
nominal 12V source is available.
Typical applications include telecommunications, networking and other
computing applications.
Part Selection
Output Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
1.21 Vdc - 2.1Vdc
6.5 Vdc - 13.2 Vdc
90 A
200 W
85%
VRP3-90E1A0
1.2 Vdc - 2.1Vdc
6.5 Vdc - 13.2 Vdc
90 A
200 W
85%
VRP3-90E2A0
Notes:
Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
V R P3 – 90 E 1A 0
1 2
3
4
5
6
7
1---Vertical mount
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name, SIP
4---Series code, output current 90A
5---Wide input range (6.5-13.2V)
6---“1A”, “2A” Wide trim range
7---Suffix
VRP3-90ExA0
RoHS Compliant
Rev.G


Similar Part No. - VRP3-90E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRP3-90E2A BEL-VRP3-90E2A Datasheet
671Kb / 15P
   Non-Isolated High Efficiency
VRP3-90E2ACG BEL-VRP3-90E2ACG Datasheet
671Kb / 15P
   Non-Isolated High Efficiency
More results

Similar Description - VRP3-90E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com