Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPB-10D Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPB-10D
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-10D Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPB-10D Datasheet HTML 1Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 2Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 3Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 4Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 5Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 6Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 7Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 8Page - Bel Fuse Inc. VRPB-10D Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 13.2 Vdc Input
0.9 Vdc - 5.0 Vdc/10 A Output
Non-Isolated
Remote On/Off
High Efficiency
Under-voltage Lockout (UVLO)
High Power Density
OCP/SCP
Excellent Thermal Performance
Wide Input
Low Cost
Description
The Bel VRPB-10Dxxx is part of the low cost non-isolated dc/dc power converter series. The modules use a SIP
package for ease of layout and space savings. The output is closely regulated and the efficiency is typically 93%
at full load. Typical features include Remote On/Off, under-voltage lockout, over-current protection and short
circuit protection.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typ. Efficiency
at Vin=12V
Model Number
Active Low
Model Number
Active High
5.0 Vdc
8.0 Vdc - 13.2 Vdc
10 A
50.0 W
93%
VRPB-10D50L
VRPB-10D50S
3.3 Vdc
4.5 Vdc 13.2 Vdc
10 A
33.0 W
91%
VRPB-10D33L
VRPB-10D33S
2.5 Vdc
3.1 Vdc - 13.2 Vdc
10 A
25.0 W
89%
VRPB-10D25L
VRPB-10D25S
1.8 Vdc
3.0 Vdc - 13.2 Vdc
10 A
18.0 W
86%
VRPB-10D18L
VRPB-10D18S
1.5 Vdc
3.0 Vdc - 13.2 Vdc
10 A
15.0 W
84%
VRPB-10D15L
VRPB-10D15S
1.2 Vdc
3.0 Vdc - 13.2 Vdc
10 A
12.0 W
81%
VRPB-10D12L
VRPB-10D12S
0.9 Vdc
3.0 Vdc - 13.2 Vdc
10 A
9.0 W
78%
VRPB-10D09L
VRPB-10D09S
Notes
: 1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
2. Add “G” suffix at the end of the model numbers listed above to indicate “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=0.9-1.8 V
8 V
4.5 V
3.1 V
3.0 V
-
13.2 V
13.2 V
13.2 V
13.2 V
Input Current (full load)
Vin=3.3 V
Vin=5.0 V
Vin=13.2 V
-
-
-
-
-
-
10.0 A
8.8 A
5.5 A
Input Current (no load)
Vin=3.3 V
Vin=5.0 V
Vin=13.2 V
-
-
-
-
-
-
200 mA
200 mA
150 mA
VRPB-10D Series
RoHS Compliant
Rev.A


Similar Part No. - VRPB-10D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A10L BEL-VRPB-10A10L Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A10S BEL-VRPB-10A10S Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A12L BEL-VRPB-10A12L Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A12S BEL-VRPB-10A12S Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
More results

Similar Description - VRPB-10D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com