Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI565050-1R2KF-77 Datasheet(PDF) 4 Page - Superworld Electronics

Part # WI565050-1R2KF-77
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI565050-1R2KF-77 Datasheet(HTML) 4 Page - Superworld Electronics

  WI565050-1R2KF-77 Datasheet HTML 1Page - Superworld Electronics WI565050-1R2KF-77 Datasheet HTML 2Page - Superworld Electronics WI565050-1R2KF-77 Datasheet HTML 3Page - Superworld Electronics WI565050-1R2KF-77 Datasheet HTML 4Page - Superworld Electronics WI565050-1R2KF-77 Datasheet HTML 5Page - Superworld Electronics WI565050-1R2KF-77 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
WI565050 SERIES
7. RELIABILTY TEST :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
25.10.2010
MOLDED WIREWOUND CHIP INDUCTORS
MIL-STD-202G Method 108A
Temp
1/2H
Time
More than 95% of termincal electrode should
Physical Characteristics Tests
MIL-STD-202G Method 208H
IPC J-STD-002B
Reference documents:
Solderability Test
be covered with solder.
Solder : lead free
Flux : rosin flux
Dip time : 5 secs.
Solder temperature : 245±5°C
-25°C
1. No case deformation or change in appearance.
1. No case deformation or change in appearance.
1. No case deformation or change in appearance.
Reference documents:
MIL-STD-202G Method 107G
Reference documents:
Thermal shock test
MIL-STD-202G Method 103B
Humidity Test
IEC 68-2-1A 6.1 6.2
Low Temperature Storage Test
Reference documents:
4. DCR/DCR<10% or 15%
Room
0
Temp
85°C
Temp
Step 1 : -40°C for 30 minute
Step 2 : 125°C for 30 minute
Conditions of 1 cycle :
Total : 20 cycles
96H
93%RH
High temperature
0
High humidity
Temp & Humidity
40°C
Conditions
1H
Time
Test
Room
Time : 96±2 hours
Temperature : 40±2°C
Temp
Humidity : 93±3% RH
Low temperature
-25°C
0
Temp
Room
96H
Time
Test
Tested after 1 hour at room temperature
96H
Temperature : -25±2°C
Time : 96±2 hours
Room
Temp
0
High temperature
85°C
Time
1H
Test
1. No case deformation or change in appearance.
High Temperature Storage Test
Reference documents:
Environmental Tests
ITEM
2. L/L<10%
3. Q/Q < 30%
PERFORMANCE
TEST CONDITION
Tested after 1 hour at room temperature
Temperature : 85±2°C
Time : 96±2 hours
3. Q/Q < 30%
4. DCR/DCR<10% or 15%
2. L/L<10%
1H
4. DCR/DCR<10% or 15%
2. L/L<10%
3. Q/Q < 30%
Tested after 1 hour at room temperature
Room
Temp
4. DCR/DCR<10% or 15%
2. L/L<10%
3. Q/Q < 30%
1/2H


Similar Part No. - WI565050-1R2KF-77

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI565050-1R2KF SUPERWORLD-WI565050-1R2KF Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI565050-1R2KF-77

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com