Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RHB-D0T Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0RHB-D0T
Description  ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-D0T Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0RHB-D0T_07 Datasheet HTML 1Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 2Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 3Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 7Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 8Page - Bel Fuse Inc. 0RHB-D0T_07 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.2-2.5 Vdc/80 A, 3.3 Vdc/70 A, 5 Vdc/48 A, 12 Vdc/20 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=12.0 V
VO=5.0 V
VO=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
91%
89%
89%
88%
86%
84%
82%
94%
92.5%
92%
91%
89%
87%
85%
-
-
-
-
-
-
-
Vin=48 V, full load , Ta=25
°C
Switching Frequency
280 kHz
330 kHz
380 kHz
Isolation capacitance
-
1500 pF
-
Remote Sense Compesation
-
-
10% Vo
Output Voltage Trim Range
80% Vo
-
110% Vo
The total voltage increased by trim and
remote sense should not exceed
10%Vo.
Over Temperature Protection
-
125
°C
-
Over Voltage Protection
-
130% Vo
-
Vin=48V, full load, Hiccup mode
MTBF
1,113,071 hours
Calculated Per Bell Core SR-332
(Vin=48 V; Vo=2.5 V, IO = 80%Iomax;
Ta = 25
°C)
Dimensions
Inches
millimeters
2.28 x 2.4 x 0.42
57.51 x 60.98 x 10.67
Weight
-
76 g
-
Note:
All specifications are typical at nominal input, full load at 25
°C unless noted.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
2.4 V
-
18 V
0RHB-D0TxxL. The remote
on/off pin open, Unit off.
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
2.4 V
-
18 V
0RHB-D0Txx0. The remote
on/off pin open, Unit on.
Current Sink
0 mA
-
0.75 mA


Similar Part No. - 0RHB-D0T_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-D0T025 BEL-0RHB-D0T025 Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RHB-D0T02L BEL-0RHB-D0T02L Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RHB-D0T033 BEL-0RHB-D0T033 Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RHB-D0T03L BEL-0RHB-D0T03L Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RHB-D0T050 BEL-0RHB-D0T050 Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
More results

Similar Description - 0RHB-D0T_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com