Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1608-472KF-15 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDB1608-472KF-15
Description  SMD POWER INDUCTORS SDB1608
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1608-472KF-15 Datasheet(HTML) 2 Page - Superworld Electronics

  SDB1608-472KF-15 Datasheet HTML 1Page - Superworld Electronics SDB1608-472KF-15 Datasheet HTML 2Page - Superworld Electronics SDB1608-472KF-15 Datasheet HTML 3Page - Superworld Electronics SDB1608-472KF-15 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.10.2010
0.60
0.190
20
40
33.0±20%
SDB1608-330MF-
40
SDB1608-681KF-
680.0±10%
6800.0±10%
4700.0±10%
10000.0±10%
3300.0±10%
2200.0±10%
1000.0±10%
1500.0±10%
SDB1608-682KF-
SDB1608-103KF-
SDB1608-472KF-
SDB1608-332KF-
SDB1608-222KF-
SDB1608-102KF-
SDB1608-152KF-
50
50
50
50
50
50
40
470.0±10%
47.0±20%
68.0±20%
150.0±10%
220.0±10%
330.0±10%
100.0±10%
SDB1608-151KF-
SDB1608-471KF-
SDB1608-331KF-
SDB1608-221KF-
SDB1608-470MF-
SDB1608-680MF-
SDB1608-101KF-
40
40
40
40
40
40
40
0.18
2.200
3
4.200
3.400
11.000
25.000
13.900
8.500
32.800
0.8
1
1
1
2
2
2
0.04
0.02
0.08
0.06
0.12
0.10
0.15
0.230
0.290
0.590
1.400
0.900
0.480
1.800
9
5
4
6
10
20
15
0.26
0.20
0.19
0.22
0.40
0.30
0.50
2.2±20%
4.7±20%
6.8±20%
3.3±20%
15.0±20%
22.0±20%
10.0±20%
SDB1608-150MF-
SDB1608-220MF-
SDB1608-100MF-
SDB1608-3R3MF-
SDB1608-4R7MF-
SDB1608-6R8MF-
SDB1608-2R2MF-
40
40
40
40
40
40
40
( µH )
Inductance
1.5±20%
1.0±20%
Part No.
SDB1608-1R0MF-
SDB1608-1R5MF-
30
30
Min.
Q
0.1V / 100K
0.050
0.060
0.055
0.075
0.090
0.110
0.065
25
38
33
105
50
120
120
0.80
0.70
1.0
1.4
1.2
1.8
1.6
0.040
0.045
Max.
RDC
(
)
125
Typ.
SRF
( MHz )
250
0.1V / 200K
3.0
2.3
Irms
( A )
( Hz )
Frequency
Test
Frequency
Test
( Hz )
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 200K
0.1V / 200K
0.1V / 200K
0.1V / 200K
0.1V / 200K
0.1V / 200K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
0.1V / 100K
SMD POWER INDUCTORS
SDB1608 SERIES


Similar Part No. - SDB1608-472KF-15

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDB1608 SUPERWORLD-SDB1608 Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608100MZF SUPERWORLD-SDB1608100MZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608101KZF SUPERWORLD-SDB1608101KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608102KZF SUPERWORLD-SDB1608102KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608103KZF SUPERWORLD-SDB1608103KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - SDB1608-472KF-15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com