Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-260D Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FCN-260D
Description  Differential CONNECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-260D Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button FCN-260D Datasheet HTML 3Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 4Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 5Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 6Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 7Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 8Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 9Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 10Page - Fujitsu Component Limited. FCN-260D Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
microGiGaCnTM fCn-260 (D) Series

Dimensions are in millimeters (inches)
http://us.fujitsu.com/components
Specifications
subject to change
Eye Pattern@2.5 Gbps
Pseudo-Random Bit Stream (PRBS) excitation from
HP8133A-02 3GHz Pulse Generator
Test Card + Stacking Connector
Measurement Input : 250mV
6 inches test card
200ps (50% bit time)
368ps
Jitter: 36ps(Pk-Pk)
Height: 203 mV
All data includes connector footprint
and test board
Jitter: 32ps(Pk-Pk)
Height: 193 mV
364ps
200ps (50% bit time)
Test Card + Stacking Connector
6 inches test card
160ps (50% bit time)
274ps
Jitter: 47ps(Pk-Pk)
Height: 183 mV
All data includes connector footprint and
test board
Jitter: 46ps(Pk-Pk)
Height: 181mV
273ps
160ps (50% bit time)
Eye Pattern @ 3.125 Gbps
Pseudo-random Bit Stream (PRBS) exitation from
HP8133A-02 3 GHz Pulse Generator
Measurement Input: 250mV


Similar Part No. - FCN-260D

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-260 FUJITSU-FCN-260 Datasheet
322Kb / 3P
   microSD/TF Card Connector
FCN-260 FUJITSU-FCN-260 Datasheet
344Kb / 7P
   FOR CONNECTING PC BOARD TO PC BOARD
FCN-260H FUJITSU-FCN-260H Datasheet
344Kb / 7P
   FOR CONNECTING PC BOARD TO PC BOARD
More results

Similar Description - FCN-260D

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-264D FUJITSU-FCN-264D Datasheet
383Kb / 5P
   DIFFERENTIAL CONNECTOR
logo
Micrel Semiconductor
SY10-100EL51 MICREL-SY10-100EL51 Datasheet
53Kb / 4P
   DIFFERENTIAL DIFFERENTIAL
logo
Renesas Technology Corp
8T39S11A RENESAS-8T39S11A Datasheet
1Mb / 36P
   Crystal or Differential-to-Differential
November 29, 2018
logo
Siemens Semiconductor G...
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH221S SIEMENS-SFH221S Datasheet
221Kb / 4P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
logo
List of Unclassifed Man...
BPX48F ETC1-BPX48F Datasheet
186Kb / 6P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
P6248 ETC2-P6248 Datasheet
552Kb / 10P
   Differential Probes
logo
TEKTRONIX, INC.
ADA400A TEKTRONIX-ADA400A Datasheet
202Kb / 4P
   Differential Preamplifier
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
logo
Texas Instruments
TL712CP TI-TL712CP Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com