Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPB-10D09S Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRPB-10D09S
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-10D09S Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRPB-10D09S Datasheet HTML 1Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 2Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 3Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 4Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 5Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 6Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 7Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 8Page - Bel Fuse Inc. VRPB-10D09S Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 13.2 Vdc Input
0.9 Vdc - 5.0 Vdc/10 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response Vin=5.0 V
50% ~ 100% Max Load
-
120 mV
160 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
120 mV
160 mV
Settling Time
VO=2.5-3.3 V
-
50 uS
80 uS
50% ~ 100% Max Load
-
110 mV
150 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
110 mV
150 mV
Settling Time
VO=1.8 V
-
50 uS
80 uS
50% ~ 100% Max Load
-
80 mV
120 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
80 mV
120 mV
Settling Time
VO=0.9-1.5 V
-
50 uS
80 uS
di/dt = 0.5 A/uS; Vin = 5 V;
Ta = 25
°C and with a 470
uF Aluminum capacitor at
the output
Transient Response Vin=3.3 V
50% ~ 100% Max Load
-
150 mV
200 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
150 mV
200 mV
Settling Time
VO=2.5 V
-
50 uS
80 uS
50% ~ 100% Max Load
-
130 mV
180 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
130 mV
180 mV
Settling Time
VO=1.8 V
-
50 uS
80 uS
50% ~ 100% Max Load
-
120 mV
160 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
120 mV
160 mV
Settling Time
VO=1.5 V
-
50 uS
80 uS
50% ~ 100% Max Load
-
140 mV
180 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
140 mV
180 mV
Settling Time
VO=1.2 V
-
50 uS
80 uS
50% ~ 100% Max Load
-
120 mV
160 mV
Settling Time
-
50 uS
80 uS
100% ~ 50% Max Load
-
120 mV
160 mV
Settling Time
VO=0.9 V
-
50 uS
80 uS
di/dt = 0.5A/uS; Vin = 3.3V;
Ta = 25
°C and with a 470uF
Aluminum capacitor at the
output
Note
: All specifications are typical at 25 °C unless otherwise st ated.


Similar Part No. - VRPB-10D09S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A10L BEL-VRPB-10A10L Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A10S BEL-VRPB-10A10S Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A12L BEL-VRPB-10A12L Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
VRPB-10A12S BEL-VRPB-10A12S Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
More results

Similar Description - VRPB-10D09S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com