Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-264D Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FCN-264D
Description  DIFFERENTIAL CONNECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-264D Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FCN-264D Datasheet HTML 1Page - Fujitsu Component Limited. FCN-264D Datasheet HTML 2Page - Fujitsu Component Limited. FCN-264D Datasheet HTML 3Page - Fujitsu Component Limited. FCN-264D Datasheet HTML 4Page - Fujitsu Component Limited. FCN-264D Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Dimensions are in millimeters (inches)
www.fcai.fujitsu.com
Specifications
subject to change
DIFFERENTIAL CONNECTOR
FCN-260(D) Series microGiGaCN
s SPECIFICATIONS
s MATERIALS
s FEATURES
• I/O Connector designed for high speed
differential signal applications.
• Matched Impedance (100 ohms
±10%)
• Low insertion loss
• Low cross talk
• Adopted by InfiniBand as 4x (4 channel) and
12x (12 channel) I/O Interface
• Meets Bellcor 1217
Selected by InfiniBand
as the I/O Interface
Standard for the 4X
and 12X
m
e
t
Is
l
a
i
r
e
t
a
M
r
o
t
a
l
u
s
n
I)
0
-
V
4
9
L
U
(
n
i
s
e
R
P
C
L
r
o
t
c
u
d
n
o
Cy
o
l
l
A
r
e
p
p
o
C
g
n
i
t
a
l
P
)
S
O
G
A
P
(
g
n
i
t
a
l
P
d
l
o
G
:
t
c
a
t
n
o
C
i
N
-
d
P
r
e
v
o
t
a
o
c
d
l
o
G
:
l
a
n
i
m
r
e
T
g
n
i
t
a
l
p
c
n
i
Z
:
r
e
v
o
C
Product Specification are subject
to change, please check our
website (www.fcai.fujitsu.com) for
the latest specifications.
m
e
t
Is
n
o
i
t
a
c
i
f
i
c
e
p
S
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
O
e
g
n
a
r
C
˚
5
0
1
+
o
t
C
˚
5
5
-
g
n
i
t
a
r
t
n
e
r
r
u
C
)
l
a
n
g
i
s
(
A
5
.
0
C
A
)
d
n
u
o
r
g
(
A
1
C
A
g
n
i
t
a
r
e
g
a
t
l
o
VV
0
3
C
A
e
c
n
a
t
s
i
s
e
r
t
c
a
t
n
o
C
)
e
c
n
a
t
s
i
s
e
r
r
o
t
c
u
d
n
o
c
h
t
i
w
(
)
l
a
n
g
i
s
(
.
x
a
m
s
m
h
o
m
0
8
d
n
u
o
r
g
(
.
x
a
m
s
m
h
o
m
5
3
e
c
n
a
t
s
i
s
e
r
n
o
i
t
a
l
u
s
n
Im
u
m
i
n
i
m
s
m
h
o
M
0
0
0
1
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
D
e
g
a
t
l
o
v
e
t
u
n
i
m
1
r
o
f
V
0
0
5
C
A
y
t
il
i
b
a
r
u
Ds
e
l
c
y
c
0
5
2
e
c
r
o
f
n
o
i
t
r
e
s
n
I
)
r
i
a
p
8
(
.
x
a
m
N
0
3
)
r
i
a
p
4
2
(
.
x
a
m
N
0
6
e
c
r
o
f
l
w
a
r
d
h
t
i
W
)
r
i
a
p
8
(
.
n
i
m
N
7
)
r
i
a
p
4
2
(
.
n
i
m
N
5
.
0
1


Similar Part No. - FCN-264D

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-260 FUJITSU-FCN-260 Datasheet
322Kb / 3P
   microSD/TF Card Connector
FCN-260 FUJITSU-FCN-260 Datasheet
1Mb / 16P
   Differential CONNECTOR
FCN-260 FUJITSU-FCN-260 Datasheet
344Kb / 7P
   FOR CONNECTING PC BOARD TO PC BOARD
FCN-260D FUJITSU-FCN-260D Datasheet
1Mb / 16P
   Differential CONNECTOR
FCN-260H FUJITSU-FCN-260H Datasheet
344Kb / 7P
   FOR CONNECTING PC BOARD TO PC BOARD
More results

Similar Description - FCN-264D

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-260D FUJITSU-FCN-260D Datasheet
1Mb / 16P
   Differential CONNECTOR
logo
Micrel Semiconductor
SY10-100EL51 MICREL-SY10-100EL51 Datasheet
53Kb / 4P
   DIFFERENTIAL DIFFERENTIAL
logo
Renesas Technology Corp
8T39S11A RENESAS-8T39S11A Datasheet
1Mb / 36P
   Crystal or Differential-to-Differential
November 29, 2018
logo
Siemens Semiconductor G...
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH221S SIEMENS-SFH221S Datasheet
221Kb / 4P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
logo
List of Unclassifed Man...
BPX48F ETC1-BPX48F Datasheet
186Kb / 6P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
P6248 ETC2-P6248 Datasheet
552Kb / 10P
   Differential Probes
logo
TEKTRONIX, INC.
ADA400A TEKTRONIX-ADA400A Datasheet
202Kb / 4P
   Differential Preamplifier
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
logo
Texas Instruments
TL712CP TI-TL712CP Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com