Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI252018-101JF-55 Datasheet(PDF) 3 Page - Superworld Electronics

Part # WI252018-101JF-55
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI252018-101JF-55 Datasheet(HTML) 3 Page - Superworld Electronics

  WI252018-101JF-55 Datasheet HTML 1Page - Superworld Electronics WI252018-101JF-55 Datasheet HTML 2Page - Superworld Electronics WI252018-101JF-55 Datasheet HTML 3Page - Superworld Electronics WI252018-101JF-55 Datasheet HTML 4Page - Superworld Electronics WI252018-101JF-55 Datasheet HTML 5Page - Superworld Electronics WI252018-101JF-55 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WI252018 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
09.03.2011
7. ELECTRICAL CHARACTERISTICS :
(
)
( mA )
( MHz )
Q
Frequency
Inductance
WI252018-R22 F-
WI252018-R27 F-
WI252018-R47 F-
WI252018-R39 F-
WI252018-R33 F-
WI252018-R56 F-
WI252018-1R0 F-
WI252018-R82 F-
WI252018-R68 F-
WI252018-1R2 F-
WI252018-1R8 F-
WI252018-2R7 F-
WI252018-180 F-
WI252018-470 F-
WI252018-220 F-
WI252018-270 F-
WI252018-390 F-
WI252018-330 F-
WI252018-6R8 F-
WI252018-150 F-
WI252018-120 F-
WI252018-8R2 F-
WI252018-100 F-
WI252018-5R6 F-
WI252018-4R7 F-
WI252018-3R9 F-
WI252018-3R3 F-
WI252018-560 F-
WI252018-680 F-
WI252018-1R5 F-
WI252018-101 F-
WI252018-820 F-
Part No.
48
7.96
30
1.90
185
3.30
0.796
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
7.96
7.96
7.96
7.96
7.96
25
22.00
56.00
82.00
100.00
68.00
33.00
39.00
47.00
27.00
20
15
20
20
20
25
25
20
8.20
12.00
15.00
18.00
10.00
6.80
3.90
4.70
5.60
25
25
25
25
25
25
25
30
30
17
5.50
130
12
10
9
11
16
14
13
15
12.1
75
16.6
21.0
19.0
70
60
66
6.30
11.0
9.50
7.10
115
90
110
30
27
23
20
18
43
40
33
36
3.05
160
4.40
4.80
3.80
3.50
140
120
155
150
2.30
2.50
2.70
2.10
175
170
165
180
7.96
7.96
7.96
7.96
( MHz )
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
0.56
1.20
1.80
2.70
1.50
0.68
0.82
1.00
30
30
30
30
30
0.22
0.27
0.33
0.47
0.39
( µH )
25
Min.
325
0.75
100
90
85
55
135
125
115
150
1.20
230
1.70
1.30
1.45
195
220
210
0.85
1.00
1.10
300
260
245
230
175
210
190
160
Min.
430
0.50
0.55
0.65
0.60
0.68
350
375
400
420
Max.
Max.
Test
SRF
RDC
IDC
Inductance tolerance : J : ±5%
MOLDED WIREWOUND CHIP INDUCTORS
K : ±10%
M : ±20%
125
WI252018-2R2 F-
30
2.20
1.55
7.96
75
25
25
25
25
25
25
25
200


Similar Part No. - WI252018-101JF-55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WI25C181J100N ETC2-WI25C181J100N Datasheet
929Kb / 6P
   WIRE WOUND INDUCTORS
WI25C181J1N2 ETC2-WI25C181J1N2 Datasheet
929Kb / 6P
   WIRE WOUND INDUCTORS
WI25C181J1U ETC2-WI25C181J1U Datasheet
929Kb / 6P
   WIRE WOUND INDUCTORS
WI25C181J1U2 ETC2-WI25C181J1U2 Datasheet
929Kb / 6P
   WIRE WOUND INDUCTORS
WI25C181K100N ETC2-WI25C181K100N Datasheet
929Kb / 6P
   WIRE WOUND INDUCTORS
More results

Similar Description - WI252018-101JF-55

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com