Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB0704101MZF-13 Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPB0704101MZF-13
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB0704101MZF-13 Datasheet(HTML) 5 Page - Superworld Electronics

  SPB0704101MZF-13 Datasheet HTML 1Page - Superworld Electronics SPB0704101MZF-13 Datasheet HTML 2Page - Superworld Electronics SPB0704101MZF-13 Datasheet HTML 3Page - Superworld Electronics SPB0704101MZF-13 Datasheet HTML 4Page - Superworld Electronics SPB0704101MZF-13 Datasheet HTML 5Page - Superworld Electronics SPB0704101MZF-13 Datasheet HTML 6Page - Superworld Electronics SPB0704101MZF-13 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
T
N
G
D
C
B
A
STYLE
+0
-0
( 2 ) DIMENSIONS
G
ØC
2.0±0.5
8. PACKAGING INFORMATION :
( 1 ) CONFIGURATION
T
Unit:m/m
* CARRIER TAPE WIDTH : D
EMBOSSED CARRIER
D
COVER TAPE
10s max.
40s max.
RECOMMENDED SOLDERING CONDITIONS
230°C
150°C
180°C
Pre-heating
90 to 120s
255°C
REFLOW SOLDERINGS
cooling
Natural
Q'TY (PCS)
6000
STYLE
G.W. (gw)
Q'TY (PCS)
SERIES
SPB0704
717
1000
13-16
( 3 ) Q'TY & G.W. PER PACKAGE
13-16
INNER : REEL
21±0.8
330
13
SIZE (cm)
G.W. (Kg)
38 x 36.5 x 21
7.9
22.4
OUTER : CARTON
18
16
50
P:12 m/m
4 m/m
17.12.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPB0704 SERIES


Similar Part No. - SPB0704101MZF-13

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB0703 SUPERWORLD-SPB0703 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-11 SUPERWORLD-SPB0703100MZF-11 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-12 SUPERWORLD-SPB0703100MZF-12 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-13 SUPERWORLD-SPB0703100MZF-13 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-14 SUPERWORLD-SPB0703100MZF-14 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB0704101MZF-13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com