Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC0403330YZF-11 Datasheet(PDF) 3 Page - Superworld Electronics

Part # SSC0403330YZF-11
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0403330YZF-11 Datasheet(HTML) 3 Page - Superworld Electronics

  SSC0403330YZF-11 Datasheet HTML 1Page - Superworld Electronics SSC0403330YZF-11 Datasheet HTML 2Page - Superworld Electronics SSC0403330YZF-11 Datasheet HTML 3Page - Superworld Electronics SSC0403330YZF-11 Datasheet HTML 4Page - Superworld Electronics SSC0403330YZF-11 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
01.10.2010
SMD POWER INDUCTORS
SSC0403 SERIES
7. CHARACTERISTICS CURVES :
100
5
3
2
10
5
3
101
3 5
10-1
5
3
-2
10
FREQUENCY(MHZ)
-1
10
3
0
5
10
1R2Y
DC CURRENT (A)
101
5
3
100
5
3
-1
10
3
10
5
3
10
10
-1
3
0
5
1R2Y
2
10
5
3
1
10
5
3
100
3 5
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
1
10
(uH)
5
3
6Y8Y
5
L
3
330Y
3
2
10
181Y
101Y
3
10
5
10
0
0
1
20
10
(uH)
L
1
5
3
6Y8Y
5
3
330Y
10
10
3
2
181Y
101Y
3
5
DC CURRENT (A)
24
35
6
330Y
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
40
30
50
(°C)
t
70
60
80
181Y 101Y
90
6R8Y
1R2Y
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE


Similar Part No. - SSC0403330YZF-11

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSC0403330YZF SUPERWORLD-SSC0403330YZF Datasheet
397Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SSC0403330YZF-11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com