Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC0604101YZF-99 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSC0604101YZF-99
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0604101YZF-99 Datasheet(HTML) 2 Page - Superworld Electronics

  SSC0604101YZF-99 Datasheet HTML 1Page - Superworld Electronics SSC0604101YZF-99 Datasheet HTML 2Page - Superworld Electronics SSC0604101YZF-99 Datasheet HTML 3Page - Superworld Electronics SSC0604101YZF-99 Datasheet HTML 4Page - Superworld Electronics SSC0604101YZF-99 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +95°C
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 35% Typ.
a) Temp. rise : 30°C Typ. at rated current
SMD POWER INDUCTORS
SSC0604 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
04.10.2010
( A )
( m )
Frequency
( µH )
Part No.
Max.
2.90
2.50
2.30
2.20
1.70
2.00
3.50
1.50
1.20
1.30
1.00
0.95
1.10
0.75
0.65
0.70
0.85
1.60
155
0.5V / 10K
47.0 ±30%
SSC0604470YZF-
±30%
±30%
±30%
±30%
SSC0604101YZF-
100.0
SSC0604560YZF-
SSC0604820YZF-
SSC0604680YZF-
68.0
82.0
56.0
0.5V / 10K
358
0.5V / 10K
0.5V / 10K
0.5V / 10K
234
324
202
±30%
±30%
±30%
±30%
±30%
±30%
±30%
22.0
SSC0604220YZF-
SSC0604270YZF-
SSC0604390YZF-
SSC0604330YZF-
33.0
39.0
27.0
SSC0604120YZF-
SSC0604180YZF-
SSC0604150YZF-
18.0
12.0
15.0
96
0.5V / 10K
0.5V / 10K
0.5V / 10K
0.5V / 10K
124
138
109
0.5V / 10K
0.5V / 10K
0.5V / 10K
92
53
57
±30%
±30%
±30%
±30%
±30%
±30%
6.2
SSC06046R2YZF-
SSC06047R4YZF-
SSC06048R7YZF-
SSC0604100YZF-
8.7
10.0
7.4
SSC06045R0YZF-
SSC06043R3YZF-
3.3
5.0
27
0.5V / 10K
0.5V / 10K
0.5V / 10K
0.5V / 10K
34
38
31
0.5V / 10K
0.5V / 10K
( Hz )
20
24
Max.
IDC
Inductance
Test
RDC


Similar Part No. - SSC0604101YZF-99

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSC0604101YZF SUPERWORLD-SSC0604101YZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SSC0604101YZF-99

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com