Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-J2AK024W Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-J2AK024W
Description  POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-J2AK024W Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-J2AK024W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 6Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 7Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 8Page - Fujitsu Component Limited. FTR-J2AK024W Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FTR-K1 SERIES
FEATURES
10A, 450VDC high-voltage switching
(2 x 10A, 200VDC switching)
Contact voltage drop: typical 0.1V
Inrush current 150A (capacitive load)
Compact size (LxWXH= 24x23.5x27mm)
2 x 1 form A
Coil sensitivity 1W (each coil connect in series)
High insulation between contacts and coil
- Insulation distance : Clearance/creepage > 6mm
- Dielectric strength
: 4,000 VAC
- Surge strength
: 10,000 V (1.2 x 50μsec)
Plastic materials conform to UL94 flame class V-0
Flux proof, RTII
RoHS compliant
Please see page 8 for more information
Actual marking does not carry the type name : "FTR"
E.g.: Ordering code: FTR-J2AK012W
Actual marking: J2AK012W
POWER RELAY
ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 Series
(a)
Relay type
FTR-J2 : FTR-J2 Series
(b)
Contact configuration
A
: 2 x 1 form A
(c)
Coil power
K
: Standard sensitivity
(d)
Coil rated voltage
012
: 5....110VDC
Coil rating table at page 3
(e)
Contact material
W
: Silver alloy
PARTNUMBER INFORMATION
FTR-J2
A
K
012
W
[Example]
(a)
(b)
(c)
(d)
(e)


Similar Part No. - FTR-J2AK024W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2AK024W FUJITSU-FTR-J2AK024W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2AK024W FUJITSU-FTR-J2AK024W Datasheet
494Kb / 10P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
More results

Similar Description - FTR-J2AK024W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2 FUJITSU-FTR-J2_12 Datasheet
494Kb / 10P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
   ULTRA SMALL AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
   High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
   High Voltage DC Relay
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
   High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
   High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
   High Voltage DC Relay
SEV150 SANYOU-SEV150 Datasheet
155Kb / 4P
   High Voltage DC Relay
SEC250 SANYOU-SEC250 Datasheet
720Kb / 4P
   High Voltage DC Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com