Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-K3AB048W-WG Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-K3AB048W-WG
Description  POWER RELAY 1 POLE - 25A - 1.5mm contact gap
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K3AB048W-WG Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-K3AB048W-WG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K3AB048W-WG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K3AB048W-WG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K3AB048W-WG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K3AB048W-WG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K3AB048W-WG Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FTR-K1 SERIES
Type
Compliance
Contact rating
UL
UL 508
E63614
25A, 277VAC (resistive, at 60 °C)
1HP, 125VAC *1 (at 60 °C)
2HP, 277VAC *2 100x103 (at 60 °C)
CSA
C22.2 No.14
LR40304
20A, 277VAC (resistive)
1HP, 125VAC *1
2HP, 277VAC *2 100x103
VDE
0435
25A, 250VAC (cos
φ =1/at 60 °C)
pending
CQC
GB15092.1, GB8898
04001009179
20A, 250VAC
SEMKO
EN61058-1 / EN61095
20A, 250VAC, 40T60
pending
20A, (13.33) 250VAC, 40T60
20/200A, 100VAC, 40T60
n
SAFETY STANDARDS
FTR-K3-WG SERIES
n
COIL RATING
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate
Voltage
(VDC) *
Must Release
Voltage
(VDC) *
Max. Operate
Voltage
(VDC)
Rated Power
+/- 10% (W)
005
5
32
3.5
0.5
7.5
Approx.
0.78
006
6
46
4.2
0.6
9
009
9
105
6.3
0.9
13.5
012
12
185
8.4
1.2
18
018
18
415
12.6
1.8
27
024
24
740
16.8
2.4
36
048
48
2,955
33.6
4.8
72
Note: All values in the table are valid for 20°C and zero contact current.
* Specified operate values are valid for pulse wave voltage.
*1 Over load 96A / 50 operations - 32A, cosφ = 0.4-0.5 / 6,000 operations
*2 Over load 72A / 50 operations - 24A, cosφ = 0.4-0.5 / 100,000 operations


Similar Part No. - FTR-K3AB048W-WG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3AB048W-HC FUJITSU-FTR-K3AB048W-HC Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3AB048W-LS FUJITSU-FTR-K3AB048W-LS Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3AB048W-NIL FUJITSU-FTR-K3AB048W-NIL Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
More results

Similar Description - FTR-K3AB048W-WG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com