Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC16PNF-G-JNERE1 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB85RC16PNF-G-JNERE1
Description  Memory FRAM 16 K (2 K x 8) Bit I2C
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC16PNF-G-JNERE1 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB85RC16PNF-G-JNERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB85RC16PNF-G-JNERE1 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MB85RC16
DS501-00001-2v0-E
9
■ COMMAND
• Byte Write
If the device address word (R/W “0” input) is sent after the start condition, an ACK responds from the slave.
After this ACK, write memory addresses and write data are sent in the same way, and the write ends by
generating a stop condition at the end.
• Page Write
If data is continuously sent after the following address when the same command (expect stop condition) as
Byte Write was sent, a page write is performed. The memory address rolls over to first memory address
(000H) at the end of the address. Therefore, if more than 2 Kbytes are sent, the data is overwritten in order
starting from the start of the memory address that was written first.
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
LSB
MSB
XXX
XXXXXX X X
S
A2 A1 A0
A
A
A P
Address
Low 8bits
Write
Data 8bits
0
1
010
Access from master
Access from slave
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
S
A2 A1 A0
A
A
A
A P
Address
Low 8bits
Write
Data 8bits
Write
Data
...
0
1
010
Access from master
Access from slave


Similar Part No. - MB85RC16PNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC16V FUJITSU-MB85RC16V Datasheet
295Kb / 32P
   16 K (2 K횞8) ?볝긿?뉹2C
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC16VPNF-G-JNE1 FUJITSU-MB85RC16VPNF-G-JNE1 Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC16VPNF-G-JNERE1 FUJITSU-MB85RC16VPNF-G-JNERE1 Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC16VPNF-G-JNN1E1 FUJITSU-MB85RC16VPNF-G-JNN1E1 Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
More results

Similar Description - MB85RC16PNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
   Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (128 K x 8)
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com