Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-LYAA018YSK Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-LYAA018YSK
Description  POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYAA018YSK Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-LYAA018YSK Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYAA018YSK Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYAA018YSK Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYAA018YSK Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYAA018YSK Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYAA018YSK Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYAA018YSK Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LYAA018YSK Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-K1 SERIES
n
COIL RATING
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate
Voltage
(VDC) *
Must Release-
Voltage
(VDC) *
Max. Coil Voltage
(VDC)
Rated Power
(mW)
005
5
147
3.3
0.25
11.5
170
006
6
211
4
0.3
13.8
009
9
476
5.9
0.45
20.7
012
12
847
7.9
0.6
27.6
018
18
1,910
11.9
0.9
41.4
024
24
3,390
15.9
1.2
55.2
048
48
10,600
31.7
2.4
110.4
217
060
60
20,570
39.6
3
138
175
Type
Compliance
Contact rating
UL
UL 508
E63614
Flammability: UL 94-V0 (plastics)
5A, 277 VAC (resistive)
5A, 30 VDC (resistive)
1/10 HP, 277VAC /125VAC
Pilot duty: D300, C300, R300, B300
CSA
C22.2 No. 14
LR 40304
VDE
40006591
EN 61810-1 (VDE 0435-Part 201)
2004-07
250VAC; 6A / 30VDC; 6A :
- 10K ops. FTR-LY(A;P)A...(E;Y;V) -40 °C to +85 °C
- 5K ops. FTR-LY(C;R)A...(E;Y;V) -40 °C to +85 °C
EN 60730-1 (VDE 0631-Part 1)
250VAC; 6(1,5)A, 30K ops. : FTR-LY(A;P)A...(Y;V) +85 °C
250VAC; 3(1,5)A, 100K ops. : FTR-LY(A;P)A...(Y;V) +85 °C
EN 61984 (VDE 0627)
EN 60335-1 (VDE 0700-Part 1)
-
n
SAFETY STANDARDS
FTR-LY SERIES
Note: All values in the table are valid for 20°C and zero contact current.
*Specifiedoperatevaluesarevalidforpulsewavevoltage.


Similar Part No. - FTR-LYAA018YSK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYAA012E FUJITSU-FTR-LYAA012E Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYAA012ESK FUJITSU-FTR-LYAA012ESK Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYAA012V FUJITSU-FTR-LYAA012V Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA012V FUJITSU-FTR-LYAA012V Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYAA012VSK FUJITSU-FTR-LYAA012VSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
More results

Similar Description - FTR-LYAA018YSK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com